Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5480L Datasheet (PDF) - Alpha Wire

5480L Datasheet PDF - Alpha Wire
Part # 5480L
Download  5480L Download
File Size   410.37 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 24 (7/32) AWG Tinned Copper

5480L Datasheet (PDF)

Go To PDF Page Download Datasheet
5480L Datasheet PDF - Alpha Wire

Part # 5480L
Download  5480L Click to download

File Size   410.37 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 24 (7/32) AWG Tinned Copper

5480L Datasheet (HTML) - Alpha Wire




Similar Part No. - 5480L

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5480-19C ALPHAWIRE-5480-19C Datasheet
411Kb / 4P
24 (7/32) AWG Tinned Copper
5480-50C ALPHAWIRE-5480-50C Datasheet
414Kb / 5P
24 (7/32) AWG Tinned Copper
5480/15C ALPHAWIRE-5480/15C Datasheet
98Kb / 4P
Customer Specification
12/5/2022
5480/25C ALPHAWIRE-5480/25C Datasheet
93Kb / 4P
Customer Specification
1/11/2023
5480/50C ALPHAWIRE-5480/50C Datasheet
414Kb / 5P
24 (7/32) AWG Tinned Copper
More results


Similar Description - 5480L

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1346014 ETC2-1346014 Datasheet
102Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
28502 ETC2-28502 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351316 ETC2-1351316 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351642 ETC2-1351642 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
logo
Molex Electronics Ltd.
0082247707 MOLEX1-0082247707_17 Datasheet
26Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Tinned, 7 circuits
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com