Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5230-EVALZ Datasheet (PDF) - Analog Devices

ADL5230-EVALZ Datasheet PDF - Analog Devices
Part # ADL5230-EVALZ
Download  ADL5230-EVALZ Download
File Size   328.66 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MHz to 2700 MHz Pre-driver RF Amplifier

ADL5230-EVALZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5230-EVALZ Datasheet PDF - Analog Devices

Part # ADL5230-EVALZ
Download  ADL5230-EVALZ Click to download

File Size   328.66 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MHz to 2700 MHz Pre-driver RF Amplifier

ADL5230-EVALZ Datasheet (HTML) - Analog Devices


ADL5230-EVALZ Product details

GENERAL DESCRIPTION
The ADL5320 is a broadband, linear pre-driver RF amplifier that operates at frequencies from 400 MHz to 2700 MHz. The device can be used in a wide variety of wired and wireless applications, including ISM, WLL, PCS, GSM, CDMA and WCDMA.

FEATURES
   Operation from 400 MHz to 2700 MHz
   Gain of +13.7 dB Gain at 2140 MHz
   OIP3 of+42.0 dBm at 2140 MHz
   P1dB +25.6 dBm at 2140 MHz
   Noise Figure of 4.2 dB at 2140 MHz
   5V power supply
   104 mA Power Supply Current
   Internal Active Biasing
   Thermally Efficient SOT-89 Package




Similar Part No. - ADL5230-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5231-EVALZ AD-ADL5231-EVALZ Datasheet
196Kb / 9P
2.3 GHz to 4.0 GHz RF Driver Amplifier
Jan-2008
More results


Similar Description - ADL5230-EVALZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2305 ETC-CMM2305 Datasheet
207Kb / 2P
800 TO 2700 MHZ BROAD BAND DRIVER AMPLIFIER
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
800-2700 MHz Broadband Driver Amplifier
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
NXP Semiconductors
BGA7124 NXP-BGA7124 Datasheet
337Kb / 10P
400 MHz to 2700 MHz 1/4 W high linearity Si amplifier
Rev. 00.07-16 July 2009
logo
Analog Devices
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
NXP Semiconductors
BGA7124 NXP-BGA7124_10 Datasheet
401Kb / 33P
400 MHz to 2700 MHz 0.25 W high linearity silicon amplifier
Rev. 01-21 April 2010
BGA7027 NXP-BGA7027 Datasheet
570Kb / 19P
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 1-11 August 2010
BGA7127 NXP-BGA7127 Datasheet
302Kb / 24P
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 01-26 July 2010
logo
Skyworks Solutions Inc.
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
700 to 2700 MHz Broadband Linear Amplifier Driver
logo
NXP Semiconductors
BGA6130 NXP-BGA6130 Datasheet
742Kb / 27P
400 MHz to 2700 MHz 1 W high efficiency silicon amplifier
Rev. 2-12 February 2014
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com