Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4311-1 Datasheet (PDF) - Analog Devices

ADA4311-1 Datasheet PDF - Analog Devices
Part # ADA4311-1
Download  ADA4311-1 Download
File Size   281.57 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Dual, High Current Output Line Driver with Shutdown

ADA4311-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4311-1 Datasheet PDF - Analog Devices

Part # ADA4311-1
Download  ADA4311-1 Click to download

File Size   281.57 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Dual, High Current Output Line Driver with Shutdown

ADA4311-1 Datasheet (HTML) - Analog Devices


ADA4311-1 Product details

FEATURES
High speed
−3 dB bandwidth: 310 MHz, G = +5, RLOAD = 50 Ω
Slew rate: 1050 V/μs, RLOAD = 50 Ω
Wide output swing
20.6 V p-p differential, RLOAD of 100 Ω from 12 V supply
High output current
Low distortion
−98 dBc typical at 1 MHz, VOUT = 2 V p-p, G = +5, RLOAD = 100 Ω
−72 dBc typical at 10 MHz, VOUT = 2 V p-p, G = +5, RLOAD = 100 Ω
Power management and shutdown
Control inputs CMOS level compatible
Shutdown quiescent current: 1 mA/amplifier
Selectable quiescent current: 1 mA to 11.8 mA/amplifier
APPLICATIONS
Home networking line drivers
Twisted pair line drivers
Power line communications (PLC)
Video line drivers
ARB line drivers
I/Q channel amplifiers




Similar Part No. - ADA4311-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4311-1ARHZ-R71 AD-ADA4311-1ARHZ-R71 Datasheet
343Kb / 16P
Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4311-1ARHZ-R71 AD-ADA4311-1ARHZ-R71 Datasheet
337Kb / 17P
Low Cost, Dual, High Current Output Line Driver with Shutdown
Rev. 0
ADA4311-1ARHZ-RL1 AD-ADA4311-1ARHZ-RL1 Datasheet
343Kb / 16P
Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4311-1ARHZ-RL1 AD-ADA4311-1ARHZ-RL1 Datasheet
337Kb / 17P
Low Cost, Dual, High Current Output Line Driver with Shutdown
Rev. 0
ADA4311-1ARHZ1 AD-ADA4311-1ARHZ1 Datasheet
343Kb / 16P
Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
More results


Similar Description - ADA4311-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4310 AD-ADA4310 Datasheet
338Kb / 16P
Low Cost, Dual, High Current Output Line Driver with Shutdown
10/06-Revision 0
AD8398 AD-AD8398 Datasheet
86Kb / 2P
VDSL, Dual Line Driver with Shutdown
Rev. Sp0
AD4311-1 AD-AD4311-1 Datasheet
343Kb / 16P
Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
AD8398 AD-AD8398_15 Datasheet
95Kb / 2P
VDSL, Dual Line Driver with Shutdown
Rev. Sp0
ADA4310-1 AD-ADA4310-1_15 Datasheet
521Kb / 17P
Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. A
ADA4311-1 AD-ADA4311-1_15 Datasheet
475Kb / 17P
Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
Wideband, Differential, High Output Current Line Driver with Shutdown
Rev. 0
ADA4311-1 AD-ADA4311-1_16 Datasheet
337Kb / 17P
Low Cost, Dual, High Current Output Line Driver with Shutdown
Rev. 0
ADA4310-1 AD-ADA4310-1_17 Datasheet
410Kb / 14P
Low Cost, Dual, High Current Output Line Driver with Shutdown
10/2017-Rev. B to Rev. C
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
Wideband, Differential, High Output Current Line Driver with Shutdown
4/2017-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com