Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1049 Datasheet (PDF) - Analog Devices

LTC1049 Datasheet PDF - Analog Devices
Part # LTC1049
Download  LTC1049 Download
File Size   1160.22 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Zero-Drift Operational Amplifiers in SOT-23

LTC1049 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1049 Datasheet PDF - Analog Devices

Part # LTC1049
Download  LTC1049 Click to download

File Size   1160.22 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Zero-Drift Operational Amplifiers in SOT-23

LTC1049 Datasheet (HTML) - Analog Devices


LTC1049 Product details

FEATURES
APPLICATIONS
nn Maximum Offset Voltage of 3μV
nn Maximum Offset Voltage Drift of 30nV/°C
nn Noise: 1.5μVP-P (0.01Hz to 10Hz Typ)
nn Voltage Gain: 140dB (Typ)
nn PSRR: 130dB (Typ)
nn CMRR: 130dB (Typ)
nn Supply Current: 0.8mA (Typ)
nn Supply Operation
nn LTC2050: 2.7V to 6V
nn LTC2050HV: 2.7V to ±5.5V
nn LTC2050HVMP: 4.5V to ±5.5V
nn Extended Common Mode Input Range
nn Output Swings Rail-to-Rail
nn Input Overload Recovery Time: 2ms (Typ)
nn Operating Temperature Range
nn LTC2050: –40°C to 125°C
nn LTC2050HVMP: –55°C to 150°C
nn Low Profile (1mm) SOT-23 (ThinSOT™) Package
nn AEC-Q100 Qualified for Automotive Applications
nn Thermocouple Amplifiers
nn Electronic Scales
nn Medical Instrumentation
nn Strain Gauge Amplifiers
nn High Resolution Data Acquisition
nn DC Accurate RC Active Filters
nn Low Side Current Sense




Similar Part No. - LTC1049

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1049 LINER-LTC1049 Datasheet
311Kb / 9P
Low Power Chopper Stabilized Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049 Datasheet
160Kb / 12P
Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049 Datasheet
203Kb / 12P
Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049C LINER-LTC1049C Datasheet
311Kb / 9P
Low Power Chopper Stabilized Operational Amplifier with Internal Capacitors
LTC1049CJ8 LINER-LTC1049CJ8 Datasheet
311Kb / 9P
Low Power Chopper Stabilized Operational Amplifier with Internal Capacitors
More results


Similar Description - LTC1049

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2050 LINER-LTC2050 Datasheet
120Kb / 4P
Zero-Drift Operational Amplifier in SOT-23
LTC2050 LINER-LTC2050_1 Datasheet
175Kb / 16P
Zero-Drift Operational Amplifi ers in SOT-23
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
Zero Drift operational amplifiers
logo
Linear Technology
LTC2050 LINER-LTC2050_15 Datasheet
206Kb / 16P
Zero-Drift Operational Amplifiers in SOT-23
LTC2050HV LINER-LTC2050HV_15 Datasheet
206Kb / 16P
Zero-Drift Operational Amplifiers in SOT-23
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
Zero Drift operational amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com