Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1806 Datasheet (PDF) - Analog Devices

LT1806 Datasheet PDF - Analog Devices
Part # LT1806
Download  LT1806 Download
File Size   2546.89 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown

LT1806 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1806 Datasheet PDF - Analog Devices

Part # LT1806
Download  LT1806 Click to download

File Size   2546.89 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown

LT1806 Datasheet (HTML) - Analog Devices


LT1806 Product details

FEATURES
APPLICATIONS
n Ultra Low Voltage Noise: 0.88nV/√Hz
n Low Distortion at High Speeds:
HD2/HD3 < −100dBc (Av = +1, 4VP-P, 2MHz, RL = 1kΩ)
n High Slew Rate: 500V/μs
n GBW = 890MHz
n –3dB Frequency (AV = +1): 730MHz
n Input Offset Voltage: 250μV Max Across Temperature
n Offset Drift :0.4μV/°C
n Input Common Mode Range Includes Negative Rail
n Output Swings Rail-to-Rail
n Supply Current: 16mA/Channel Typ
n Shutdown Supply Current = 500μA
n Operating Supply Range: 2.8V to 11.75V
n Large Output Current: 80mA Min
n Very High Open Loop Gain: 5.6V/μV (135dB), RL = 1kΩ
n Operating Temp Range: –40°C to 125°C
n Singles in 8-Lead SOIC, TSOT-23, DC-6, Duals in
DD10, MS8
n Optical Electronics: Fast Transimpedance Amplifiers
n Driving High Dynamic Range A/D Converters
n Active Filters
n Video Amplifiers
n High Speed Differential to Single-Ended Conversion
n Low Voltage Hi-Fi Amplification




Similar Part No. - LT1806

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1806 LINER-LT1806 Datasheet
136Kb / 8P
325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp
LT1806 LINER-LT1806 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806 Datasheet
321Kb / 28P
Gain-Bandwidth Product: 325MHz
LT1806 LINER-LT1806 Datasheet
380Kb / 16P
Single/Dual Operational Amplifiers
LT1806 LINER-LT1806 Datasheet
885Kb / 26P
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results


Similar Description - LT1806

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_08 Datasheet
715Kb / 26P
High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
logo
Intersil Corporation
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
Low Distortion Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
Low Distortion Rail-to-Rail Output Op Amp with Shutdown
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com