Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3526 Datasheet (PDF) - Protek Devices

PA3526 Datasheet PDF - Protek Devices
Part # PA3526
Download  PA3526 Download
File Size   235.87 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description Dual USB Power Control Switch with Over-Current/Voltage Protection

PA3526 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA3526 Datasheet PDF - Protek Devices

Part # PA3526
Download  PA3526 Click to download

File Size   235.87 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description Dual USB Power Control Switch with Over-Current/Voltage Protection

PA3526 Datasheet (HTML) - Protek Devices


PA3526 Product details

Features

2 independent switches

Individual open-drain fault flag pins

2.7V to 5.5V input

500mA continuous load current per port

140mΩ maximum on-resistance

1µA Maximum Standby Supply Current

Thermal shutdown

Undervoltage lockout (UVLO)

Active-high or active-low enable versions



Applications

USB Power Management

Hot plug-in power supplies

Battery - Charger circuits




Similar Part No. - PA3526

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA35-13 ETC2-PA35-13 Datasheet
1Mb / 12P
Client Side Antennas
logo
Laird Tech Smart Techno...
PA35-13 LSTD-PA35-13 Datasheet
1Mb / 2P
Pole mount or surface mount
logo
List of Unclassifed Man...
PA350 ETC-PA350 Datasheet
352Kb / 1P
RISING CLAMP TERMINAL BLOCK
logo
Pulse A Technitrol Comp...
PA3519NL PULSE-PA3519NL Datasheet
2Mb / 14P
High Frequency Wire Wound Transformers
PA3519NL PULSE-PA3519NL Datasheet
2Mb / 10P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
12/17
More results


Similar Description - PA3526

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
LM3543 NSC-LM3543 Datasheet
316Kb / 12P
Triple Port USB Power Distribution Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Texas Instruments
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
FPF2495C ONSEMI-FPF2495C Datasheet
521Kb / 10P
IntelliMAX 28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
November, 2021 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com