Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1498 Datasheet (PDF) - Analog Devices

LT1498 Datasheet PDF - Analog Devices
Part # LT1498
Download  LT1498 Download
File Size   802.78 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps

LT1498 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1498 Datasheet PDF - Analog Devices

Part # LT1498
Download  LT1498 Click to download

File Size   802.78 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps

LT1498 Datasheet (HTML) - Analog Devices


LT1498 Product details

APPLICATIONS
n Micropower Active Filters
n Portable Instrumentation
n Battery or Solar Powered Systems
n Automotive Electronics
n Gain Bandwidth Product: 6.5MHz
n –3dB Bandwidth (AV = +1): 4.5MHz
n Low Quiescent Current: 65μA
n C-Load™ Op Amp Drives all Capacitive Loads
n Offset Voltage: 350μV Maximum
n Rail-to-Rail Input and Output
n Supply Voltage Range: 1.8V to 5.25V
n Input Bias Current: 50nA Maximum
n CMRR/PSRR: 100dB/100dB
n Shutdown Current: 7μA Maximum
n Operating Temperature Range: –40°C to 125°C
n Single in 6-Lead TSOT-23, 2mm × 2mm DFN Packages
n Dual in 8-Lead MS8, MS10, TS0T-23, 2mm × 2mm DFN
n Quad in MS16 Package
FEATURES




Similar Part No. - LT1498

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1498 LINER-LT1498 Datasheet
377Kb / 16P
10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1498 LINER-LT1498 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT1498 LINER-LT1498 Datasheet
1Mb / 26P
30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LT1498CN8 LINER-LT1498CN8 Datasheet
377Kb / 16P
10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1498CN8 LINER-LT1498CN8 Datasheet
273Kb / 20P
Driving A-to-D Converters
More results


Similar Description - LT1498

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
489Kb / 24P
6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6252 LINER-LTC6252_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com