Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4020 Datasheet (PDF) - Analog Devices

AD4020 Datasheet PDF - Analog Devices
Part # AD4020
Download  AD4020 Download
File Size   3502.58 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Low Power Differential Amplifier/ADC Driver Family

AD4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4020 Datasheet PDF - Analog Devices

Part # AD4020
Download  AD4020 Click to download

File Size   3502.58 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Low Power Differential Amplifier/ADC Driver Family

AD4020 Datasheet (HTML) - Analog Devices


AD4020 Product details

FEATURES
APPLICATIONS
nn Available with User Settable Gain or Fixed-Gain
of 0.5V/V, 1V/V, or 2V/V
nn 2.9nV/√Hz Input-Referred Noise
nn 2mA Maximum Supply Current
nn 45ppm Max Gain Error
nn 0.5ppm/°C Max Gain Error Drift
nn 94dB Min CMRR
nn 100μV Max Offset Voltage
nn 50nA Max Input Offset Current
nn Fast Settling: 720ns to 18-Bit, 8VP-P Output
nn 2.8V (±1.4V) to 11V (±5.5V) Supply Voltage Range
nn Differential Rail-to-Rail Outputs
nn Input Common Mode Range Includes Ground
nn Low Distortion: 118dB SFDR at 2kHz, 18VP-P
nn 500MHz Gain-Bandwidth Product
nn 35MHz –3dB Bandwidth
nn Low Power Shutdown: 20μA (VS = 3V)
nn 8-Lead MSOP, 2mm × 3mm 8-Lead DFN and 3mm x
3mm 16-lead LFCSP Packages
n 20-Bit, 18-Bit and 16-Bit SAR ADC Drivers
n Single-Ended-to-Differential Conversion
n Low Power ADC Drivers
n Level Shifter
n Differential Line Drivers
Battery-Powered Instrumentation




Similar Part No. - AD4020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4020 AD-AD4020 Datasheet
789Kb / 37P
Precision SAR, Differential ADC
Rev. A
AD4020 AD-AD4020 Datasheet
2Mb / 28P
1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
AD4020 AD-AD4020 Datasheet
3Mb / 34P
36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
AD4020 AD-AD4020 Datasheet
1Mb / 39P
20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
11/2019-Rev. A to Rev. B
AD4020 AD-AD4020 Datasheet
2Mb / 30P
0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
Rev. B
More results


Similar Description - AD4020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
Low Power Differential ADC Driver
REV. 0
logo
Linear Technology
LTC1992 LINER-LTC1992 Datasheet
513Kb / 40P
Low Power, Fully Differential Input/Output Amplifier/Driver Family
logo
Intersil Corporation
ISL28617 INTERSIL-ISL28617 Datasheet
1Mb / 18P
40V Precision Instrumentation Amplifier with Differential ADC Driver
May 25, 2012
logo
Analog Devices
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
Low Power Differential ADC Driver
REV. A
logo
Intersil Corporation
ISL28617VY25EV1Z INTERSIL-ISL28617VY25EV1Z Datasheet
976Kb / 19P
40V Precision Instrumentation Amplifier with Differential ADC Driver
October 17, 2013
logo
Linear Technology
LTC1992 LINER-LTC1992_15 Datasheet
501Kb / 42P
Low Power, Fully Differential Input/Output Amplifier/Driver Family
logo
Analog Devices
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
Low Power, Differential ADC Driver
Rev. E
LTC6363 AD-LTC6363 Datasheet
735Kb / 40P
Precision, Low Power Differential Amplifier/ADC
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
Differential Amplifier/ADC Driver
logo
Renesas Technology Corp
ISL28617 RENESAS-ISL28617 Datasheet
1Mb / 20P
40V Precision Instrumentation Amplifier with Differential ADC Driver
May 27, 2015
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com