Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC923L0YSZ Datasheet (PDF) - Sharp Corporation

PC923L0YSZ Datasheet PDF - Sharp Corporation
Part # PC923L0YSZ
Download  PC923L0YSZ Download
File Size   322.98 Kbytes
Page   18 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Speed, Gate Drive DIP 8 pin OPIC Photocoupler

PC923L0YSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
PC923L0YSZ Datasheet PDF - Sharp Corporation

Part # PC923L0YSZ
Download  PC923L0YSZ Click to download

File Size   322.98 Kbytes
Page   18 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Speed, Gate Drive DIP 8 pin OPIC Photocoupler

PC923L0YSZ Datasheet (HTML) - Sharp Corporation


PC923L0YSZ Product details

■ Description
PC923L0NSZ Series contains a LED optically coupled to an OPIC chip.
It is packaged in a 8 pin DIP, available in SMT gullwing lead form option.
Input-output isolation voltage(rms) is 5.0 kV, High speed response (tPHL, tPLH : MAX. 0.5 µs).

■ Features
1. 8 pin DIP package
2. Double transfer mold package (Ideal for Flow Soldering)
3. Built-in direct drive circuit for MOSFET / IGBT drive (IO1P, IO2P : 0.6 A)
4. High speed response (tPHL, tPLH : MAX. 0.5 µs)
5. Wide operating supply voltage range (VCC=15 to 30 V)
6. High noise immunity due to high instantaneous common mode rejection voltage (CMH : MIN. −15kV/µs, CML : MIN. 15kV/µs)
7. High isolation voltage between input and output (Viso(rms) : 5.0 kV)

■ Applications
1. IGBT/MOSFET gate drive for inverter control




Similar Part No. - PC923L0YSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC923 SHARP-PC923 Datasheet
86Kb / 6P
High Speed Photocoupler for MOS-FET / IGBT Drive
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
50Kb / 3P
High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
PC923XI SHARP-PC923XI Datasheet
50Kb / 3P
High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
More results


Similar Description - PC923L0YSZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Sharp Corporation
PC925L0NSZ0F SHARP-PC925L0NSZ0F Datasheet
274Kb / 10P
High Speed, 2.5A Output, Gate Drive DIP 8 pin
PC942J00000F SHARP-PC942J00000F Datasheet
281Kb / 17P
High Power, Gate Drive type DIP 8 pin ?뾑PIC Photocoupler
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Sharp Corporation
PC956L0NSZ0F SHARP-PC956L0NSZ0F Datasheet
259Kb / 15P
High Speed 2Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC957L0NSZ0F SHARP-PC957L0NSZ0F Datasheet
244Kb / 13P
High Speed 1Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137_13 Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
May 13, 2013
logo
Sharp Corporation
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com