Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWC2L5L2.TK Datasheet (PDF) - OSRAM GmbH

KWC2L5L2.TK Datasheet PDF - OSRAM GmbH
Part # KWC2L5L2.TK
Download  KWC2L5L2.TK Download
File Size   2210.52 Kbytes
Page   26 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.

KWC2L5L2.TK Datasheet (PDF)

Go To PDF Page Download Datasheet
KWC2L5L2.TK Datasheet PDF - OSRAM GmbH

Part # KWC2L5L2.TK
Download  KWC2L5L2.TK Click to download

File Size   2210.52 Kbytes
Page   26 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.

KWC2L5L2.TK Datasheet (HTML) - OSRAM GmbH


KWC2L5L2.TK Product details

Features
- Package: compact lightsource in multi chip on board technology
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.325, Cy = 0.345 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Color over angle: Better than passus 3.7.2.1 of supplement proposal 7 to ECE reg. 128





Similar Part No. - KWC2L5L2.TK

ManufacturerPart #DatasheetDescription
logo
ams AG
KWC2L5L2.TK AMSCO-KWC2L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.1 2021-09-01
More results


Similar Description - KWC2L5L2.TK

ManufacturerPart #DatasheetDescription
logo
Power-One
BLP55-1005 POWER-ONE-BLP55-1005 Datasheet
108Kb / 5P
three-output ac-dc power conversion to meet the requirements of networking and data communications systems,
logo
JMK Inc.
ZL-1906-15 JMK-ZL-1906-15 Datasheet
36Kb / 1P
The ZL-1906-15 is a 3ph, Y, filter developed to meet the requirements of MIL-STD-461E.
logo
KODENSHI_AUK CORP.
PIC96601 KODENSHI-PIC96601 Datasheet
151Kb / 3P
The analog output current is proportional to the quantity of ambient light
logo
Ohmite Mfg. Co.
RES-TAP800 OHMITE-RES-TAP800 Datasheet
379Kb / 2P
Materials meet the requirements of UL94-V0
logo
Maxim Integrated Produc...
MAX14919EVKIT MAXIM-MAX14919EVKIT Datasheet
989Kb / 12P
Robust Operation with a Wide Range of Input Voltages and Load Conditions
Rev 0; 11/20
MAX14919AEVKIT MAXIM-MAX14919AEVKIT Datasheet
823Kb / 12P
Robust Operation with a Wide Range of Input Voltages and Load Conditions
Rev 0; 7/21
logo
ams AG
KWC2L5L2.TK AMSCO-KWC2L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.1 2021-09-01
KWC3L5L1.TE AMSCO-KWC3L5L1.TE Datasheet
1Mb / 23P
The OSLON Submount CL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.5 2021-07-26
KWC2L5L1.TE AMSCO-KWC2L5L1.TE Datasheet
1Mb / 23P
The OSLON Submount CL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.6 2021-07-26
KWC3L5L2.TK AMSCO-KWC3L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.2 2021-09-01
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com