Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4011 Datasheet (PDF) - Microchip Technology

MCP4011 Datasheet PDF - Microchip Technology
Part # MCP4011
Download  MCP4011 Download
File Size   3383.61 Kbytes
Page   60 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Cost 64-Step Volatile Digital POT

MCP4011 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP4011 Datasheet PDF - Microchip Technology

Part # MCP4011
Download  MCP4011 Click to download

File Size   3383.61 Kbytes
Page   60 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Cost 64-Step Volatile Digital POT

MCP4011 Datasheet (HTML) - Microchip Technology


MCP4011 Product details

Description

The MCP4011/2/3/4 devices are volatile, 6-bit Digital Potentiometers that can be configured as either a potentiometer or rheostat. The wiper setting is controlled through a simple Up/Down(U/D) serial

interface.



Features

• Volatile Digital Potentiometer in SOT-23, SOIC, MSOP and DFN packages

• 64 Taps: 63 Resistors with Taps to terminal A and terminal B

• Simple Up/Down(U/D) Protocol

• Power-on Recall of Default Wiper Setting

- Custom POR wiper settings available(contact factory)

• Resistance Values: 2.1 kΩ, 5 kΩ, 10 kΩor 50 kΩ

• Low Tempco:

- Absolute (Rheostat): 50 ppm (0°C to 70°C typ.)

- Ratiometric (Potentiometer): 10 ppm (typ.)

• Low Wiper Resistance: 75Ω(typ.)

• High-Voltage Tolerant Digital Inputs: Up to 12.5V

• Low-Power Operation: 1 µA Max Static Current

• Wide Operating Voltage Range:

- 1.8V to 5.5V - Device Operation

- 2.7V to 5.5V - Resistor Characteristics Specified

• Extended Temperature Range: -40°C to +125°C

• Wide Bandwidth (-3 dB) Operation:

- 4 MHz (typ.) for 2.1 kΩdevice




Similar Part No. - MCP4011

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4017 MICROCHIP-MCP4017 Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP4017-103E/LT MICROCHIP-MCP4017-103E/LT Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP4017-104E/LT MICROCHIP-MCP4017-104E/LT Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP4017-502E/LT MICROCHIP-MCP4017-502E/LT Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP4017-503E/LT MICROCHIP-MCP4017-503E/LT Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
More results


Similar Description - MCP4011

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4021 MICROCHIP-MCP4021 Datasheet
3Mb / 64P
Low-Cost NV Digital POT with WiperLock??Technology
2006
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP413X MICROCHIP-MCP413X Datasheet
2Mb / 88P
7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
2008
MCP454X MICROCHIP-MCP454X Datasheet
2Mb / 92P
7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
2008
MCP4017 MICROCHIP-MCP4017 Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
MCP434X MICROCHIP-MCP434X Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
2009
MCP453X MICROCHIP-MCP453X_13 Datasheet
3Mb / 102P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP4361-103E MICROCHIP-MCP4361-103E Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
03/26/09
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com