Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT Datasheet (PDF) - Honeywell Solid State Electronics Center

SCT Datasheet PDF - Honeywell Solid State Electronics Center
Part # SCT
Download  SCT Download
File Size   587.45 Kbytes
Page   7 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Humidity and Temperature Wall Mount Transducers

SCT Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT Datasheet PDF - Honeywell Solid State Electronics Center

Part # SCT
Download  SCT Click to download

File Size   587.45 Kbytes
Page   7 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Humidity and Temperature Wall Mount Transducers

SCT Datasheet (HTML) - Honeywell Solid State Electronics Center


SCT Product details

Features
• Enhanced accuracy:
- ±4 %RH (10 %RH to 90 %RH at 25 °C),
±5 %RH (10 %RH to 90 %RH at 5 °C to 50 °C)
- Enables the customer to potentially reduce/eliminate
transmitter recalibration cost and supports and optimizes
system accuracy and uptime
• Long-term stability:
- Humidity: ±0.05 %RH typ. and ±1.2 %RH max. drift over
five years
- True temperature-compensated humidity element
enables customers to potentially reduce/eliminate the
transmitter recalibration cost with enhanced stability over
next best alternatives
• Enhanced reliability: The humidity sensor element’s multilayer
construction provides resistance to most application
hazards such as dust, dirt, condensation, oils and common
environmental chemicals, enhancing reliability
• Standard humidity output: 4 mA to 20 mA or 0 V to 10 V
• Cost-effective
• Choice of cover trim color (silver or gold)
• Full 0 %RH to 100 %RH measurement range
• Available with or without LCD display




Similar Part No. - SCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCT-013 ETC1-SCT-013 Datasheet
2Mb / 1P
Split core current transformer
logo
Beijing Yaohuadechang E...
SCT-013 YHDC-SCT-013 Datasheet
2Mb / 1P
Split core current transformer
logo
List of Unclassifed Man...
SCT-013-000 ETC1-SCT-013-000 Datasheet
2Mb / 1P
Split core current transformer
logo
Beijing Yaohuadechang E...
SCT-013-000 YHDC-SCT-013-000 Datasheet
2Mb / 1P
Split core current transformer
logo
List of Unclassifed Man...
SCT-013-000V ETC1-SCT-013-000V Datasheet
2Mb / 1P
Split core current transformer
More results


Similar Description - SCT

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTF3000LF HUMIREL-HTF3000LF Datasheet
347Kb / 5P
TEMPERATURE AND HUMIDITY MODULE
HTF3130 HUMIREL-HTF3130 Datasheet
1Mb / 4P
TEMPERATURE AND HUMIDITY MODULE
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
Vaisala
HMP1 VAISALA-HMP1 Datasheet
394Kb / 2P
Wall-Mounted Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com