Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6200 Datasheet (PDF) - Intel Corporation

6200 Datasheet PDF - Intel Corporation
Part # 6200
Download  6200 Download
File Size   179.89 Kbytes
Page   3 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Intel® Centrino® Advanced-N 6200

6200 Datasheet (PDF)

Go To PDF Page Download Datasheet
6200 Datasheet PDF - Intel Corporation

Part # 6200
Download  6200 Click to download

File Size   179.89 Kbytes
Page   3 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Intel® Centrino® Advanced-N 6200

6200 Datasheet (HTML) - Intel Corporation


6200 Product details

Product Description
The Intel®
Centrino®
Advanced-N 6200 is an IEEE 802.11a/b/g/n wireless network adapter
that operates in both the 2.4 GHz and 5.0 GHz spectra. This adapter is available in a PCIe*
Half Mini Card form factor and delivers up to 300 Mbps of Bandwidth1; in addition to
providing a host of features that enhance today’s mobile lifestyle.

Features
Up to 300 Mbps of bandwidth1
Up to 2X greater range1
IEEE standards based 802.11a/b/g/n
WLAN adapter
Wi-Fi Personal Area Network capabilities7
Industry leading power consumption2
Wireless support for Intel®
Active Management
Technology
Advanced security via 802.11i
Easy to use Intel® PROSet/Wireless v13.0 WLAN
Software3
Support for Cisco Compatible Extensions* v4
Performance-optimized for Connect with Centrino®
certified Access Points




Similar Part No. - 6200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6200 ETC1-6200 Datasheet
48Kb / 1P
4700
logo
Schurter Inc.
6200 SCHURTER-6200 Datasheet
488Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1-pole
logo
3M Electronics
6200 3M-6200 Datasheet
162Kb / 1P
3M Half Facepiece Reusable Respirator 6200/07025
logo
Schurter Inc.
6200 SCHURTER-6200 Datasheet
370Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1-pole, wired
6200 SCHURTER-6200 Datasheet
400Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1-pole, wired
More results


Similar Description - 6200

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-2569 ADVANTECH-SOM-2569 Datasheet
8Mb / 6P
Intel® Atom™ E3900 / Pentium® / Celeron® N Series SMARC Module
13-Oct-2021
logo
Intel Corporation
C10GX51002 INTEL-C10GX51002 Datasheet
666Kb / 62P
Intel® Cyclone® 10 GX Device Datasheet
2022.02.14
logo
AAEON Technology
GENE-EHL5 AAEON-GENE-EHL5 Datasheet
553Kb / 2P
SubCompact Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2022/09/08
PICO-EHL1 AAEON-PICO-EHL1 Datasheet
558Kb / 2P
Pico-ITX Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2023/04/14
PICO-EHL4 AAEON-PICO-EHL4 Datasheet
531Kb / 2P
Pico-ITX Board with Intel® Atom™ x6000E Series, Intel® Pentium®, and Celeron® N and J series processors
2022/11/24
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
logo
AAEON Technology
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
logo
Intel Corporation
DH61WW INTEL-DH61WW Datasheet
2Mb / 86P
Intel® Desktop Board
July 2013 Rev. -006
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com