Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR30L60CTG Datasheet (PDF) - ON Semiconductor

MBR30L60CTG Datasheet PDF - ON Semiconductor
Part # MBR30L60CTG
Download  MBR30L60CTG Download
File Size   314.81 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Power Rectifier 60 V, 30 A

MBR30L60CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR30L60CTG Datasheet PDF - ON Semiconductor

Part # MBR30L60CTG
Download  MBR30L60CTG Click to download

File Size   314.81 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Power Rectifier 60 V, 30 A

MBR30L60CTG Datasheet (HTML) - ON Semiconductor


MBR30L60CTG Product details

Features and Benefits
 Low Forward Voltage
 Low Power Loss/High Efficiency
 High Surge Capability
 30 A Total (15 A Per Diode Leg)
 Guard−Ring for Stress Protection
 These Devices are Pb−Free and are RoHS Compliant
Applications
 Power Supply − Output Rectification
 Power Management
 Instrumentation
Mechanical Characteristics:
 Case: Epoxy, Molded
 Epoxy Meets UL 94 V−0 @ 0.125 in
 Weight (Approximately): 1.9 Grams (TO−220 & TO−220FP)
 Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
 Lead Temperature for Soldering Purposes:
260C Max. for 10 Seconds




Similar Part No. - MBR30L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
142Kb / 7P
SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
Switch-mode Power Rectifier
July, 2016 ??Rev. 2
More results


Similar Description - MBR30L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR60H100CT ONSEMI-MBR60H100CT Datasheet
73Kb / 6P
SWITCHMODE Power Rectifier 100 V, 60 A
June, 2005 ??Rev. 0
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1 Datasheet
58Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBRB30H60CT-1 ONSEMI-MBRB30H60CT-1 Datasheet
58Kb / 6P
SWITCHMODE Power Rectifier 60 V, 30 A
April, 2006 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1_07 Datasheet
59Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
73Kb / 7P
SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
MBR40250G ONSEMI-MBR40250G_15 Datasheet
107Kb / 7P
Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
MBRD1035CTL ONSEMI-MBRD1035CTL_V01 Datasheet
231Kb / 7P
Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com