Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB2060CTG Datasheet (PDF) - ON Semiconductor

MBRB2060CTG Datasheet PDF - ON Semiconductor
Part # MBRB2060CTG
Download  MBRB2060CTG Download
File Size   263.09 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch‐mode Power Rectifiers TO−220/D2PAK Surface Mount Power Package

MBRB2060CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB2060CTG Datasheet PDF - ON Semiconductor

Part # MBRB2060CTG
Download  MBRB2060CTG Click to download

File Size   263.09 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch‐mode Power Rectifiers TO−220/D2PAK Surface Mount Power Package

MBRB2060CTG Datasheet (HTML) - ON Semiconductor


MBRB2060CTG Product details

These state-of-the-art devices employ the use of the Schottky Barrier
principle with a platinum barrier metal.
Features
• Package Designed for Power Surface Mount Applications (D2PAK)
• Center-Tap Configuration (D2PAK)
• Guardring for Stress Protection
• Low Forward Voltage
• 175°C Operating Junction Temperature
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Short Heat Sink Tab Manufactured − Not Sheared (D2PAK)
• Similar in Size to Industry Standard TO−220 Package
• NRVBB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These are Pb−Free Devices
Mechanical Characteristics:
• Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
• Weight: 1.7 Grams (Approximately) − D2PAK,
1.9 Grams (Approximately) − TO−220
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds (D2PAK)
• Device Meets MSL1 Requirements (D2PAK)
• ESD Ratings:
♦ Machine Model = C (> 400 V)
♦ Human Body Model = 3B (> 8000 V)




Similar Part No. - MBRB2060CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB2060CTG ONSEMI-MBRB2060CTG Datasheet
140Kb / 5P
SWITCHMODE Power Rectifiers TO??20/D2PAK Surface Mount Power Package
September, 2009 ??Rev. 8
MBRB2060CTG ONSEMI-MBRB2060CTG Datasheet
97Kb / 5P
Switch-mode Power Rectifiers
September, 2014 ??Rev. 10
logo
Thinki Semiconductor Co...
MBRB2060CTG THINKISEMI-MBRB2060CTG Datasheet
1Mb / 2P
20.0 Ampere Surface Mount Dual Common Cathode Schottky Barrier Rectifiers
More results


Similar Description - MBRB2060CTG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB1545CT MOTOROLA-MBRB1545CT Datasheet
110Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2545CT MOTOROLA-MBRB2545CT Datasheet
109Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
MBRB2060CT ONSEMI-MBRB2060CT Datasheet
140Kb / 5P
SWITCHMODE Power Rectifiers TO??20/D2PAK Surface Mount Power Package
September, 2009 ??Rev. 8
MBRB2535CTL ONSEMI-MBRB2535CTL Datasheet
61Kb / 5P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
January, 2007 ??Rev. 6
MURHB860CT ONSEMI-MURHB860CT Datasheet
53Kb / 4P
MEGAHERTZ Power Rectifier D2PAK Power Surface Mount Package
February, 2006 ??Rev. 2
MURB1620CTG ONSEMI-MURB1620CTG Datasheet
106Kb / 5P
SWITCHMODE Power Rectifier D2PAK Power Surface Mount Package
November, 2012 ??Rev. 7
MBRD620CT ONSEMI-MBRD620CT_V01 Datasheet
207Kb / 7P
Switch-mode Power Rectifiers DPAK-3 Surface Mount Package
August, 2020 - Rev. 15
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com