Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20200CTG Datasheet (PDF) - ON Semiconductor

MBRF20200CTG Datasheet PDF - ON Semiconductor
Part # MBRF20200CTG
Download  MBRF20200CTG Download
File Size   173.79 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Schottky Power Rectifier

MBRF20200CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF20200CTG Datasheet PDF - ON Semiconductor

Part # MBRF20200CTG
Download  MBRF20200CTG Click to download

File Size   173.79 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Schottky Power Rectifier

MBRF20200CTG Datasheet (HTML) - ON Semiconductor


MBRF20200CTG Product details

The Switch−mode Power Rectifier employs the Schottky Barrier
principle in a large area metal−to−silicon power diode.
State−of−the−art geometry features epitaxial construction with oxide
passivation and metal overlay contact. Ideally suited for use as
rectifiers in very low−voltage, high−frequency switching power
supplies, free wheeling diodes and polarity protection diodes.
Features
• Highly Stable Oxide Passivated Junction
• Very Low Forward Voltage Drop
• Matched Dual Die Construction
• High Junction Temperature Capability
• High dv/dt Capability
• Guardring for Stress Protection
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Electrically Isolated. No Isolation Hardware Required.
• These Devices are Pb−Free and are RoHS Compliant
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.9 Grams (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes:
260°C Max. for 10 Seconds




Similar Part No. - MBRF20200CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF20200CTG ONSEMI-MBRF20200CTG Datasheet
101Kb / 4P
SWITCHMODE Schottky Power Rectifier
August, 2008 ??Rev. 7
logo
Kersemi Electronic Co.,...
MBRF20200CTG KERSEMI-MBRF20200CTG Datasheet
455Kb / 4P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
logo
ON Semiconductor
MBRF20200CTG ONSEMI-MBRF20200CTG Datasheet
59Kb / 4P
Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 8
More results


Similar Description - MBRF20200CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD5H100 ONSEMI-MBRD5H100 Datasheet
70Kb / 5P
Switch-mode Schottky Power Rectifier
April, 2015 ??Rev. 6
SUR180E ONSEMI-SUR180E Datasheet
87Kb / 6P
Switch-mode Schottky Power Rectifier
June, 2015 ??Rev. 0
MBR40250G ONSEMI-MBR40250G Datasheet
86Kb / 7P
Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 14
MBRB1045G ONSEMI-MBRB1045G Datasheet
79Kb / 6P
Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 9
MBRD5H100 ONSEMI-MBRD5H100_16 Datasheet
69Kb / 5P
Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 7
MBRD1035CTL ONSEMI-MBRD1035CTL_16 Datasheet
74Kb / 6P
Switch-mode Schottky Power Rectifier
October, 2016 ??Rev. 11
MBRF2060CTG ONSEMI-MBRF2060CTG Datasheet
59Kb / 4P
Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF2545CTG ONSEMI-MBRF2545CTG Datasheet
59Kb / 4P
Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF20100CTG ONSEMI-MBRF20100CTG Datasheet
55Kb / 4P
Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 10
MBRF20200CTG ONSEMI-MBRF20200CTG Datasheet
59Kb / 4P
Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com