Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848C Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DP83848C Datasheet PDF - Texas Instruments
Part # DP83848C
Download  DP83848C Download
File Size   2715.12 Kbytes
Page   89 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DP83848C/I/VYB/YB PHYTER™ QFP Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver

DP83848C Datasheet (PDF)

Go To PDF Page Download Datasheet
DP83848C Datasheet PDF - Texas Instruments

Part # DP83848C
Download  DP83848C Click to download

File Size   2715.12 Kbytes
Page   89 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DP83848C/I/VYB/YB PHYTER™ QFP Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver

DP83848C Datasheet (HTML) - Texas Instruments


DP83848C Product details

1.1 Features 1
• Multiple Temperature Range from –40°C to 105°C
• Low-Power 3.3-V, 0.18-μm CMOS Technology
• Low-Power Consumption < 270 mW Typical
• 3.3-V MAC Interface
• Auto-MDIX for 10/100 Mb/s
• Energy Detection Mode
• 25-MHz Clock Output
• SNI Interface (Configurable)
• RMII Rev. 1.2 Interface (Configurable)
• MII Serial Management Interface (MDC and MDIO)
• IEEE 802.3 MII
• IEEE 802.3 Auto-Negotiation and Parallel
Detection
• IEEE 802.3 ENDEC, 10BASE-T Transceivers and
Filters
• IEEE 802.3 PCS, 100BASE-TX Transceivers and
Filters
• IEEE 1149.1 JTAG
• Integrated ANSI X3.263 Compliant TP-PMD
Physical Sub-Layer with Adaptive Equalization and Baseline Wander Compensation
• Error-Free Operation up to 150 Meters
• Programmable LED Support for Link, 10/100 Mb/s
Mode, Activity, Duplex and Collision Detect
• Single Register Access for Complete PHY Status
• 10/100 Mb/s Packet BIST (Built in Self Test)

Applications
• Automotive/Transportation
• Industrial Controls and Factory Automation
• General Embedded Applications

Description
The number of applications requiring Ethernet connectivity continues to increase, driving Ethernet enabled
devices into harsher environments.
The DP83848C/I/VYB/YB was designed to meet the challenge of these new applications with an extended
temperature performance that goes beyond the typical Industrial temperature range. The
DP83848C/I/VYB/YB is a highly reliable, feature rich, robust device which meets IEEE 802.3 standards
over multiple temperature ranges from commercial to extreme temperatures. This device is ideally suited
for harsh environments such as wireless remote base stations, automotive/transportation, and industrial
control applications.
It offers enhanced ESD protection and the choice of an MII or RMII interface for maximum flexibility in
MPU selection; all in a 48 pin package.
The DP83848VYB extends the leadership position of the PHYTER™ family of devices with a wide
operating temperature range. The TI line of PHYTER transceivers builds on decades of Ethernet expertise
to offer the high performance and flexibility that allows the end user an easy implementation tailored to
meet these application needs.




Similar Part No. - DP83848C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848C NSC-DP83848C Datasheet
2Mb / 82P
PHYTER - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C NSC-DP83848C Datasheet
2Mb / 82P
PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C NSC-DP83848C Datasheet
2Mb / 84P
PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848C TI-DP83848C Datasheet
711Kb / 86P
Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C TI1-DP83848C Datasheet
2Mb / 86P
Industrial Controls and Factory Automation
More results


Similar Description - DP83848C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848C NSC-DP83848C Datasheet
2Mb / 82P
PHYTER - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848YB NSC-DP83848YB Datasheet
2Mb / 82P
PHYTER - Extreme Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848Q TI1-DP83848Q Datasheet
974Kb / 74P
PHYTER Extended Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I Datasheet
788Kb / 86P
DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVV-NOPB TI1-DP83848IVV-NOPB Datasheet
788Kb / 86P
DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVVX TI-DP83848IVVX Datasheet
788Kb / 86P
DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP Datasheet
1Mb / 92P
PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
DP83848-HT TI1-DP83848-HT Datasheet
1Mb / 81P
PHYTER Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
DP83848-HT TI-DP83848-HT Datasheet
1,008Kb / 81P
DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
FEBRUARY 2015
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com