Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867IR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DP83867IR Datasheet PDF - Texas Instruments
Part # DP83867IR
Download  DP83867IR Download
File Size   3210.92 Kbytes
Page   139 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DP83867IR/CR Robust, High Immunity 10/100/1000 Ethernet Physical Layer Transceiver

DP83867IR Datasheet (PDF)

Go To PDF Page Download Datasheet
DP83867IR Datasheet PDF - Texas Instruments

Part # DP83867IR
Download  DP83867IR Click to download

File Size   3210.92 Kbytes
Page   139 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DP83867IR/CR Robust, High Immunity 10/100/1000 Ethernet Physical Layer Transceiver

DP83867IR Datasheet (HTML) - Texas Instruments


DP83867IR Product details

1 Features
• Ultra low RGMII latency TX < 90ns, RX < 290ns
• Time Sensitive Network (TSN) compliant
• Low power consumption 457mW
• Exceeds 8000V IEC 61000-4-2 ESD protection
• Meets EN55011 class B emission standards
• 16 programmable RGMII delay modes on RX/TX
• Integrated MDI termination resistors
• Programmable MII/GMII/RGMII termination
impedance
• WoL (Wake-on-LAN) packet detection
• 25MHz or 125MHz synchronized clock output
• Start of Frame Detect for IEEE 1588 time stamp
• RJ45 mirror mode
• Fully compatible to IEEE 802.3 10BASE-Te,
100BASE-TX, and 1000BASE-T Specification
• Cable diagnostics
• MII, GMII and RGMII MAC interface options
• Configurable I/O voltage (3.3V, 2.5V, 1.8V)
• Fast link drop mode
• JTAG support

2 Applications
• Motor drives
• Industrial factory automation
• Field Bus Support
• Industrial embedded computing
• Wired and wireless communications infrastructure
• Test and measurement
• Consumer electronics

3 Description
The DP83867 device is a robust, low power, fully
featured Physical Layer transceiver with integrated
PMD sublayers to support 10BASE-Te, 100BASETX
and 1000BASE-T Ethernet protocols. Optimized
for ESD protection, the DP83867 exceeds 8kV IEC
61000-4-2 (direct contact).
The DP83867 is designed for easy implementation of
10/100/1000Mbps Ethernet LANs. It interfaces directly
to twisted pair media via an external transformer. This
device interfaces directly to the MAC layer through the
IEEE 802.3 Standard Media Independent Interface
(MII), the IEEE 802.3 Gigabit Media Independent
Interface (GMII) or Reduced GMII (RGMII). The QFP
package supports MII/GMII/RGMII whereas the QFN
package supports RGMII.
The DP83867 provides precision clock
synchronization, including a synchronous Ethernet
clock output. It has low latency and provides IEEE
1588 Start of Frame Detection.
The DP83867 consumes only 490mW (PAP) and
457mW (RGZ) under full operating power. Wake
on LAN can be used to lower system power
consumption.




Similar Part No. - DP83867IR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83867IR TI1-DP83867IR Datasheet
1Mb / 130P
High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
DP83867IR TI1-DP83867IR Datasheet
1Mb / 132P
DP83867IR/CR Robust, High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
DP83867IR TI2-DP83867IR Datasheet
3Mb / 139P
DP83867IR/CR Robust, High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
REVISED JANUARY 2025
DP83867IRPAP TI1-DP83867IRPAP Datasheet
1Mb / 132P
DP83867IR/CR Robust, High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
DP83867IRPAP TI2-DP83867IRPAP Datasheet
3Mb / 139P
DP83867IR/CR Robust, High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
REVISED JANUARY 2025
More results


Similar Description - DP83867IR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83861VQM NSC-DP83861VQM Datasheet
741Kb / 88P
Gig PHYTER 10/100/1000 Ethernet Physical Layer
DP83865BVH NSC-DP83865BVH Datasheet
31Kb / 2P
Gig PHYTER V 10/100/1000 Ethernet Physical Layer
DP83864 NSC-DP83864 Datasheet
48Kb / 4P
DP83864 Quad GigPHYTER 10/100/1000 Ethernet Physical Layer
DP83865 NSC-DP83865_04 Datasheet
589Kb / 86P
10/100/1000 Ethernet Physical Layer
logo
Texas Instruments
DP83867CS TI1-DP83867CS Datasheet
1Mb / 114P
High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
DP83867IR TI1-DP83867IR Datasheet
1Mb / 130P
High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
DP83822HF TI1-DP83822HF Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83867IR TI1-DP83867IR_16 Datasheet
1Mb / 132P
DP83867IR/CR Robust, High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
DP83869HM TI1-DP83869HM Datasheet
1Mb / 138P
High Immunity 10/100/1000 Ethernet Physical Layer Transceiver With Copper and Fiber Interface
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com