Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C6136FDI-F42T Datasheet (PDF) - Infineon Technologies AG

CY8C6136FDI-F42T Datasheet PDF - Infineon Technologies AG
Part # CY8C6136FDI-F42T
Download  CY8C6136FDI-F42T Download
File Size   1508.15 Kbytes
Page   99 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PSoC™ 61 MCU

CY8C6136FDI-F42T Datasheet (PDF)

Go To PDF Page Download Datasheet
CY8C6136FDI-F42T Datasheet PDF - Infineon Technologies AG

Part # CY8C6136FDI-F42T
Download  CY8C6136FDI-F42T Click to download

File Size   1508.15 Kbytes
Page   99 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PSoC™ 61 MCU

CY8C6136FDI-F42T Datasheet (HTML) - Infineon Technologies AG


CY8C6136FDI-F42T Product details

General description
PSoC™ 6 MCU is a high-performance, ultra-low-power and secured MCU platform, purpose-built for IoT
applications. The CY8C61x6/7 product line, based on the PSoC™ 6 MCU platform, is a combination of a
high-performance microcontroller with low-power flash technology, digital programmable logic,
high-performance analog-to-digital conversion and standard communication and timing peripherals.

Features
• 32-bit dual CPU subsystem
Note: In PSoC™ 61 the Cortex® M0+ is reserved for system functions, and is not available for applications.
- 150-MHz Arm® Cortex®-M4F (CM4) CPU with single-cycle multiply, floating point, and memory protection unit
(MPU)
- 100-MHz Cortex®-M0+ (CM0+) CPU with single-cycle multiply and MPU
- Core logic operation at either 1.1 V or 0.9 V, depending on the part selected. See Ordering information.
- Active CPU current slope with 1.1-V core operation
• Cortex®-M4: 40 µA/MHz
• Cortex®-M0+: 20 µA/MHz
- Active CPU current slope with 0.9-V core operation
• Cortex®-M4: 22 µA/MHz
• Cortex®-M0+: 15 µA/MHz
- Two DMA controllers with 16 channels each
• Memory subsystem
- 1-MB application flash, 32-KB auxiliary flash (AUXFlash), and 32-KB supervisory flash (SFlash); read-while-write
(RWW) support. Two 8-KB flash caches, one for each CPU.
- 288-KB SRAM with power and data retention control
- One-time-programmable (OTP) 1-Kb eFuse array
• Low-power 1.7-V to 3.6-V operation
- Six power modes for fine-grained power management
- Deep Sleep mode current of 7 µA with 64-KB SRAM retention
- On-chip Single-In Multiple Out (SIMO) DC-DC buck converter, <1 µA quiescent current
- Backup domain with 64 bytes of memory and real-time clock
• Flexible clocking options
- 8-MHz Internal Main Oscillator (IMO) with ±2% accuracy
- Ultra-low-power 32-kHz Internal Low-speed Oscillator (ILO)
- On-chip crystal oscillators (16 to 35 MHz, and 32 kHz)
- Phase-locked loop (PLL) for multiplying clock frequencies
- Frequency-locked loop (FLL) for multiplying IMO frequency
- Integer and fractional peripheral clock dividers
• Quad SPI (QSPI)/Serial Memory Interface (SMIF)
- Execute-In-Place (XIP) from external quad SPI Flash
- On-the-fly encryption and decryption
- 4-KB cache for greater XIP performance with lower power
- Supports single, dual, quad, dual-quad, and octal interfaces with throughput up to 640 Mbps
• Segment LCD drive
- Supports up to 99 segments and up to 8 common




Similar Part No. - CY8C6136FDI-F42T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CY8C6136FTI-F42T INFINEON-CY8C6136FTI-F42T Datasheet
1Mb / 99P
PSoC™ 61 MCU
Rev. P
More results


Similar Description - CY8C6136FDI-F42T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
PSoC??Mixed Signal Array
CY8C42123 CYPRESS-CY8C42123 Datasheet
959Kb / 42P
Power PSoC??Devices
CY3217 CYPRESS-CY3217 Datasheet
62Kb / 1P
PSoC MiniProg
logo
Infineon Technologies A...
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
PSoC 62 MCU
06/22/2020 Revision J
CY8CEVAL-062S2 INFINEON-CY8CEVAL-062S2 Datasheet
163Kb / 5P
CY8CEVAL-062S2 PSoC™ 62S2 evaluation kit release notes
2021
CY8C41XX INFINEON-CY8C41XX Datasheet
880Kb / 59P
PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
CY8CKIT-041S-MAX INFINEON-CY8CKIT-041S-MAX Datasheet
1Mb / 56P
CY8CKIT-041S-MAX PSoC™ 4100S Max pioneer kit guide
Rev. D 2021-10
CY8C61X5 INFINEON-CY8C61X5 Datasheet
948Kb / 74P
PSoC 6 MCU: CY8C61x5 Datasheet
Rev. F October 26, 2022
CY8C63X6 INFINEON-CY8C63X6 Datasheet
2Mb / 108P
PSoC™ 63 MCU with Bluetooth® LE
Rev. R 2023-05-10
CYAT8165X INFINEON-CYAT8165X Datasheet
556Kb / 52P
PSoC™ Automotive Multitouch Generation 6L
Rev. S 2023-05-09
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com