Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRS3201T3G Datasheet (PDF) - ON Semiconductor

MBRS3201T3G Datasheet PDF - ON Semiconductor
Part # MBRS3201T3G
Download  MBRS3201T3G Download
File Size   201.75 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Power Rectifier, Surface Mount, Fast Soft-Recovery 200V, 3.0A SMC Power Surface Mount Package

MBRS3201T3G Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRS3201T3G Datasheet PDF - ON Semiconductor

Part # MBRS3201T3G
Download  MBRS3201T3G Click to download

File Size   201.75 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Power Rectifier, Surface Mount, Fast Soft-Recovery 200V, 3.0A SMC Power Surface Mount Package

MBRS3201T3G Datasheet (HTML) - ON Semiconductor


MBRS3201T3G Product details

Features
• Lower Forward Voltage than any Ultrafast Rectifier:
VF < 0.59 V at 150°C
• Fast Switching Speed: Reverse Recovery Time (tRR) < 35 ns
• Soft Recovery Characteristics: Softness Factor (tb/ta) ≥ 1
• Highly Stable Over Temperature
• NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable*
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Benefits
• Significantly Reduced EMI
• Eliminates the Need of Snubber Circuits
• Low Switching and Heat Losses
• Improved Thermal Management
Applications
• Engine and Convenience Control Systems
• Motor Controls
• Battery Chargers and Switching Power Supplies
Mechanical Characteristics
• Small Compact Surface Mount Package with J-Bend Leads
• Rectangular Package for Automated Handling
• Weight: 217 mg (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• ESD Ratings:
♦ Machine Model = A
♦ Human Body Model = 1C
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Maximum for 10 Seconds
• Polarity: Polarity Band on Plastic Body Indicates Cathode Lead




Similar Part No. - MBRS3201T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
58Kb / 4P
200V, 3A Schottky Fast Soft?뭃ecovery Power Rectifier SMC Power Surface Mount Package
August, 2005 ??Rev. 2
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
130Kb / 4P
Schottky Fast Soft-Recovery Power Rectifier
January, 2012 ??Rev. 3
More results


Similar Description - MBRS3201T3G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRS2040LT3 MOTOROLA-MBRS2040LT3 Datasheet
134Kb / 4P
Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
MBRS240LT3 MOTOROLA-MBRS240LT3 Datasheet
121Kb / 4P
Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
logo
ON Semiconductor
MBRA340T3 ONSEMI-MBRA340T3_06 Datasheet
54Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
October, 2006 ??Rev. 4
MBRS3201T3 ONSEMI-MBRS3201T3_05 Datasheet
58Kb / 4P
200V, 3A Schottky Fast Soft?뭃ecovery Power Rectifier SMC Power Surface Mount Package
August, 2005 ??Rev. 2
MBRS4201T3 ONSEMI-MBRS4201T3_07 Datasheet
55Kb / 4P
200V, 4A Schottky Fast Soft?뭃ecovery Power Rectifier SMC Power Surface Mount Package
January, 2007 ??Rev. 3
MBRA1H100T3G ONSEMI-MBRA1H100T3G Datasheet
122Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
January, 2012 ??Rev. 2
MBRS1540T3 ONSEMI-MBRS1540T3 Datasheet
70Kb / 5P
Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
August, 2005 ??Rev. 3
MBRA1H100 ONSEMI-MBRA1H100 Datasheet
251Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 ??Rev. 4
MBRA140 ONSEMI-MBRA140_V01 Datasheet
301Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
February, 2020 - Rev. 12
SS16T3G ONSEMI-SS16T3G Datasheet
280Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 - Rev. 9
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com