Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4130 Datasheet (PDF) - Jinan Gude Electronic Device

1N4130 Datasheet PDF - Jinan Gude Electronic Device
Part # 1N4130
Download  1N4130 Download
File Size   181.54 Kbytes
Page   2 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description 500mW LOW NOISE SILION ZENER DIODES

1N4130 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4130 Datasheet PDF - Jinan Gude Electronic Device

Part # 1N4130
Download  1N4130 Click to download

File Size   181.54 Kbytes
Page   2 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description 500mW LOW NOISE SILION ZENER DIODES

1N4130 Datasheet (HTML) - Jinan Gude Electronic Device


1N4130 Product details

VOLTAGE RANGE 1.8 to 100 Volts



FEATURES

* Zener voltage 1.8 to 100 V

* Low noise

* Low reverse leakage




Similar Part No. - 1N4130

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4130 CDI-DIODE-1N4130 Datasheet
98Kb / 2P
LOW CURRENT OPERATION AT 250 uA
logo
Microsemi Corporation
1N4130 MICROSEMI-1N4130 Datasheet
86Kb / 2P
SILICON 500mA LOW NOISE ZENER DIODES
1N4130 MICROSEMI-1N4130 Datasheet
109Kb / 2P
SILICON 400mA LOW NOISE ZENER DIODES
1N4130 MICROSEMI-1N4130 Datasheet
111Kb / 2P
LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
logo
TAITRON Components Inco...
1N4130 TAITRON-1N4130 Datasheet
357Kb / 5P
500mW Low Noise Zener Diodes
More results


Similar Description - 1N4130

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
500mW SILICON ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
500mW ZENER DIODES
logo
TAITRON Components Inco...
1N4614 TAITRON-1N4614 Datasheet
357Kb / 5P
500mW Low Noise Zener Diodes
logo
Seme LAB
1N6309BD2A SEME-LAB-1N6309BD2A Datasheet
182Kb / 4P
500mW ZENER DIODES
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
500mW Silicon Zener Diodes
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614_10 Datasheet
305Kb / 2P
SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
500mW ZENER DIODES
logo
Micro Commercial Compon...
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
BZS55C2V4 TSC-BZS55C2V4 Datasheet
383Kb / 7P
500mW 5% Zener Diodes
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
500mW ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com