Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1808502 Datasheet (PDF) - PHOENIX CONTACT

1808502 Datasheet PDF - PHOENIX CONTACT
Part # 1808502
Download  1808502 Download
File Size   635.22 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBV 2,5/ 6-GEH-5,08 - PCB header

1808502 Datasheet (PDF)

Go To PDF Page Download Datasheet
1808502 Datasheet PDF - PHOENIX CONTACT

Part # 1808502
Download  1808502 Click to download

File Size   635.22 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBV 2,5/ 6-GEH-5,08 - PCB header

1808502 Datasheet (HTML) - PHOENIX CONTACT


1808502 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 6, number
of rows: 1, number of positions: 6, number of connections: 6, product range: MSTBV 2,5/..-GEH,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Standard pin strip for 320 V (III/2)




Similar Part No. - 1808502

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1808515 PHOENIX-1808515 Datasheet
61Kb / 4P
Base strip - MSTBV 2,5/ 7-GEH-5,08
1808528 PHOENIX-1808528 Datasheet
156Kb / 7P
MVSTBW 2,5/ 8-ST-5,08
1808530 PHOENIX-1808530 Datasheet
55Kb / 4P
GMSTB 2,5/ 3-STF-7,62 BK
1808531 PHOENIX-1808531 Datasheet
95Kb / 5P
Base strip - MSTBV 2,5/ 9-GEH-5,08
1808544 PHOENIX-1808544 Datasheet
169Kb / 9P
Feed-through header - MSTBV 2,5/10-GEH-5,08
More results


Similar Description - 1808502

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1808544 PHOENIX-1808544 Datasheet
169Kb / 9P
Feed-through header - MSTBV 2,5/10-GEH-5,08
1808599 PHOENIX-1808599 Datasheet
156Kb / 9P
Feed-through header - MSTBV 2,5/15-GEH-5,08
1808531 PHOENIX-1808531 Datasheet
95Kb / 5P
Base strip - MSTBV 2,5/ 9-GEH-5,08
1808573 PHOENIX-1808573 Datasheet
97Kb / 5P
Base strip - MSTBV 2,5/13-GEH-5,08
1808492 PHOENIX-1808492 Datasheet
82Kb / 5P
Base strip - MSTBV 2,5/ 5-GEH-5,08
1808515 PHOENIX-1808515 Datasheet
61Kb / 4P
Base strip - MSTBV 2,5/ 7-GEH-5,08
1808557 PHOENIX-1808557 Datasheet
96Kb / 5P
Base strip - MSTBV 2,5/11-GEH-5,08
1808586 PHOENIX-1808586 Datasheet
97Kb / 5P
Base strip - MSTBV 2,5/14-GEH-5,08
1808489 PHOENIX-1808489 Datasheet
170Kb / 4P
PCB header - MSTBV 2,5/ 4-GEH-5,08
1924567 PHOENIX-1924567 Datasheet
331Kb / 11P
PCB header - MSTBV 2,5 HC/ 6-GF-5,08
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com