Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1101 Datasheet (PDF) - List of Unclassifed Manufacturers

AL1101 Datasheet PDF - List of Unclassifed Manufacturers
Part # AL1101
Download  AL1101 Download
File Size   173.37 Kbytes
Page   8 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24-Bit Analog-to-Digital Converter

AL1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL1101 Datasheet PDF - List of Unclassifed Manufacturers

Part # AL1101
Download  AL1101 Click to download

File Size   173.37 Kbytes
Page   8 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24-Bit Analog-to-Digital Converter

AL1101 Datasheet (HTML) - List of Unclassifed Manufacturers


AL1101 Product details

[wavefront]

General Description
The AL1101 is a 24-bit sigma-delta stereo analog-to-digital audio converter using Wavefront’s ClockEZ™ technology. With dynamic range of 107dB, simplified interface, and low power consumption, the AL1101 (and its companion AL1201 DAC) is a best-in-class solution for 44.1kHz and 48kHz operation.

Features
➤ 24-bit conversion
➤ 107dB dynamic range (A-wt)
➤ 0.002% THD (input = -1dBFS)
➤ ClockEZ™ circuitry: internal PLL derives all necessary timing signals from one external Fs clock
➤ 64X oversampling, 5th order 1-bit Σ-Δ modulator
➤ 64:1 linear-phase digital decimation filter
➤ Sample rate: 24kHz to 55kHz
➤ Digital high-pass filter
➤ Low power: 110mW (Fs = 48kHz)
➤ Serial output selectable: 32/24 bits/frame
➤ Full scale differential input = ±4V
➤ 5V operation

Applications
➤ Digital Mixing Boards
➤ Signal Processors
➤ Digital Effects Boxes
➤ Digital Recorders
➤ Computer Sound Boards
➤ Karaoke Systems
➤ Car Audio Systems




Similar Part No. - AL1101

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
AL11 RICHCO-AL11 Datasheet
52Kb / 1P
CABLE CLAMPS, ALUMINUM
01-18-95
More results


Similar Description - AL1101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
24-Bit Analog-to-Digital Converter
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com