Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2T-CSS-W2 Datasheet (PDF) - DOMINANT Semiconductors

N2T-CSS-W2 Datasheet PDF - DOMINANT Semiconductors
Part # N2T-CSS-W2
Download  N2T-CSS-W2 Download
File Size   561.42 Kbytes
Page   12 Pages
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors
Description SPNovaLED InGaN : 50mA

N2T-CSS-W2 Datasheet (PDF)

Go To PDF Page Download Datasheet
N2T-CSS-W2 Datasheet PDF - DOMINANT Semiconductors

Part # N2T-CSS-W2
Download  N2T-CSS-W2 Click to download

File Size   561.42 Kbytes
Page   12 Pages
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors
Description SPNovaLED InGaN : 50mA

N2T-CSS-W2 Datasheet (HTML) - DOMINANT Semiconductors





Similar Description - N2T-CSS-W2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NMRTB-USS-1 DOMINANT-NMRTB-USS-1 Datasheet
549Kb / 13P
SPNovaLED
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
SPNovaLED: 20mA
NPW-TSD-ADE-1 DOMINANT-NPW-TSD-ADE-1 Datasheet
499Kb / 14P
SPNovaLED InGaN White High Lumens : 350 mA
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
SPNovaLED InGaN White: 350 mA
NPF-TSD-ABD-1 DOMINANT-NPF-TSD-ABD-1 Datasheet
499Kb / 14P
SPNovaLED InGaN Warm White High Lumens : 350 mA
NPT-USS-ADE-1 DOMINANT-NPT-USS-ADE-1 Datasheet
584Kb / 13P
SPNovaLED InGaN True Green :1 Watt
NPC-USS-ABD-1 DOMINANT-NPC-USS-ABD-1 Datasheet
625Kb / 13P
SPNovaLED InGaN Cyan : 1 Watt
NPB-USS DOMINANT-NPB-USS Datasheet
586Kb / 13P
SPNovaLED InGaN Blue : 1 Watt
NP8-DSS-1 DOMINANT-NP8-DSS-1 Datasheet
531Kb / 11P
SPNovaLED Infrared 850nm
NPR-SSS-WX2-1 DOMINANT-NPR-SSS-WX2-1 Datasheet
533Kb / 12P
AlInGaP : SPNovaLED
More results




About DOMINANT Semiconductors


Dominant Semiconductors is a semiconductor company that specializes in the design and manufacture of high-performance LED products. LEDs (light-emitting diodes) are semiconductor devices that emit light when an electrical current is passed through them. Dominant Semiconductors' product portfolio includes a wide range of LEDs, from standard to ultra-bright and high-power LEDs, as well as customized LED solutions for various applications such as automotive, signage, lighting, and backlighting.

Dominant Semiconductors is known for its expertise in LED packaging, which is the process of encapsulating the semiconductor die in a protective housing to improve its performance, reliability, and thermal management. The company uses advanced technologies and materials to develop LED packages that are efficient, durable, and cost-effective.

In addition to its LED products, Dominant Semiconductors also offers a range of semiconductor solutions, including ICs (integrated circuits) and diodes for various applications such as power management, voltage regulation, and signal conditioning.

Dominant Semiconductors is headquartered in Malaysia and has operations in Asia, Europe, and the Americas. The company is committed to delivering high-quality and innovative semiconductor products to its customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com