Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA9040 Datasheet (PDF) - List of Unclassifed Manufacturers

BA9040 Datasheet PDF - List of Unclassifed Manufacturers
Part # BA9040
Download  BA9040 Download
File Size   153.51 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Monitoring technique

BA9040 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA9040 Datasheet PDF - List of Unclassifed Manufacturers

Part # BA9040
Download  BA9040 Click to download

File Size   153.51 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Monitoring technique

BA9040 Datasheet (HTML) - List of Unclassifed Manufacturers


BA9040 Product details

[E. DOLD]

Asymmetry relay BA 9040, MK 9040N varimeter

• According to IEC 255, EN 60 255, VDE 0435 part 303
• Recognition of
    - voltage asymmetry
    - phase failure
    - voltage feedback
    - optionally with phase sequence recognition
• Optionally with adjustable response delay
• Insensitive against
    - symmetric harmonics up to K-factor K 20 %
• 2 LED displays for power supply and state of contact
• BA 9040: width 45 mm
    MK 9040N: width 22,5 mm

Applications
    Monitoring three-phase mains for voltage asymmetry, phase failure or incorrect phase sequence, e.g. in elevators, escalators, crane systems etc.




Similar Part No. - BA9040

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA90 L-COM-BA90 Datasheet
49Kb / 1P
ADAPTER RCA M/BNC F
3/12/200
logo
List of Unclassifed Man...
BA9026 ETC1-BA9026 Datasheet
69Kb / 2P
Power Electronics, Softstarter with softstop ministart
BA90263AC503 ETC1-BA90263AC503 Datasheet
69Kb / 2P
Power Electronics, Softstarter with softstop ministart
logo
Infinite Electronics In...
BA907 L-COM-BA907 Datasheet
110Kb / 1P
"F" JACK TO RCA PLUG
11/20/01
logo
Rohm
BA90BC0FP ROHM-BA90BC0FP Datasheet
358Kb / 6P
1.0A Low-Dropout Voltage Regulator with Shut down Switch
More results


Similar Description - BA9040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
Monitoring Relays Frequency Monitoring
logo
PETERMANN-TECHNIK
M6300 PETERMANN-M6300 Datasheet
120Kb / 2P
FUNDAMENTAL TECHNIQUE FOR LOW JITTER
logo
List of Unclassifed Man...
R605005000 ETC2-R605005000 Datasheet
98Kb / 2P
FICHE TECHNIQUE
R317072000 ETC2-R317072000 Datasheet
56Kb / 2P
NOTICE TECHNIQUE
R191970061 ETC2-R191970061 Datasheet
31Kb / 1P
FICHE TECHNIQUE
logo
STMicroelectronics
AN1696 STMICROELECTRONICS-AN1696 Datasheet
622Kb / 11P
Load sharing is a technique commonly
Apr-2003
logo
Analog Intergrations Co...
AN011 AIC-AN011 Datasheet
98Kb / 5P
cost-effective technique
logo
Sangdest Microelectroni...
KBL4005 SMC-KBL4005 Datasheet
271Kb / 4P
Reliable low cost construction utilizing molded plastic technique
logo
Hotchip Technology Co.,...
PB0056E HOTCHIP-PB0056E Datasheet
1Mb / 8P
Boost output using intelligent thermostat technique
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
Health Monitoring (Heart Rate Monitoring,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com