Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9044 Datasheet (PDF) - Analog Devices

ADRV9044 Datasheet PDF - Analog Devices
Part # ADRV9044
Download  ADRV9044 Download
File Size   9147.43 Kbytes
Page   98 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4T4R SoC with DFE, 400 MHz iBW RF Transceiver

ADRV9044 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRV9044 Datasheet PDF - Analog Devices

Part # ADRV9044
Download  ADRV9044 Click to download

File Size   9147.43 Kbytes
Page   98 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4T4R SoC with DFE, 400 MHz iBW RF Transceiver

ADRV9044 Datasheet (HTML) - Analog Devices


ADRV9044 Product details

FEATURES
► Four differential transmitters (Tx)
► Four differential receivers (Rx)
► Two differential observation receivers (ORx)
► Tunable range: 600 MHz to 6000 MHz
► Single-band and multiband (N x 2T2R/4T4R) capability
► Four individual band profiles within tunable range (band profiles
define bandwidth and aggregate sampling rate of a channel)
► ADRV9044BBPZ-WB supports DPD for 400 MHz iBW/OBW
► Simplifying system thermal solution
► Power consumption-optimized DFE engines
► 125°C maximum junction temperature for intermittent operation, 110°C for continuous (operating lifetime impact at >110°C
can be offset by operation at <110°C based on acceleration
factors)
► Fully integrated DFE (DPD, CDUC, CDDC, and CFR) engine that
reduces FPGAs resources and halves SERDES lane rate
► DPD adaptation engine for power amplifier linearization
► CDUC/CDDC—maximum eight component carriers (CCs) per
each transmitter/receiver channel
► Multistage CFR engine
► Supports DTx (micro sleep) power saving mode in downlink
► Supports JESD204B and JESD204C digital interface
► Multichip phase synchronization for all local oscillator (LO) and
baseband clocks
► Dual fully integrated fractional-N RF synthesizers
► Fully integrated clock synthesizer


APPLICATIONS
► 3G/4G/5G time division duplex (TDD)/frequency division duplex
(FDD) small cell, massive MIMO, and macro base stations




Similar Part No. - ADRV9044

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRV9040 AD-ADRV9040 Datasheet
23Mb / 112P
8T8R SoC with DFE, 400 MHz iBW RF Transceiver
Rev. C
ADRV9040BBPZ-WB AD-ADRV9040BBPZ-WB Datasheet
23Mb / 112P
8T8R SoC with DFE, 400 MHz iBW RF Transceiver
Rev. C
ADRV9040BBPZ-WB-RL AD-ADRV9040BBPZ-WB-RL Datasheet
23Mb / 112P
8T8R SoC with DFE, 400 MHz iBW RF Transceiver
Rev. C
ADRV904X-HB/PCBZ AD-ADRV904X-HB/PCBZ Datasheet
23Mb / 112P
8T8R SoC with DFE, 400 MHz iBW RF Transceiver
Rev. C
ADRV904X-LB/PCBZ AD-ADRV904X-LB/PCBZ Datasheet
23Mb / 112P
8T8R SoC with DFE, 400 MHz iBW RF Transceiver
Rev. C
More results


Similar Description - ADRV9044

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TRC102 RFM-TRC102 Datasheet
441Kb / 40P
400-1000MHz RF Transceiver
logo
Texas Instruments
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
MSP430 SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
MSP430??SoC with RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
MSP430 SoC With RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
MSP430??SoC with RF Core
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
MSP430 SoC With RF Core
logo
Analog Devices
AD9988 AD-AD9988 Datasheet
3Mb / 40P
4T4R Direct RF Receiver and Transmitter
logo
Texas Instruments
AFE7903 TI-AFE7903 Datasheet
15Mb / 152P
AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
MARCH 2022
AFE7903 TI-AFE7903_V01 Datasheet
15Mb / 154P
AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
JULY 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com