Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25252 Datasheet (PDF) - Analog Devices

MAX25252 Datasheet PDF - Analog Devices
Part # MAX25252
Download  MAX25252 Download
File Size   149.05 Kbytes
Page   3 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Five-Output ASIL B PMIC with Accurate Temperature Monitoring for Next-Generation Camera Sensors

MAX25252 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX25252 Datasheet PDF - Analog Devices

Part # MAX25252
Download  MAX25252 Click to download

File Size   149.05 Kbytes
Page   3 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Five-Output ASIL B PMIC with Accurate Temperature Monitoring for Next-Generation Camera Sensors

MAX25252 Datasheet (HTML) - Analog Devices


MAX25252 Product details

General Description
The MAX25252 is a high-efficiency, five-output ASIL B
PMIC with three DC-DC converters, and two high-PSRR
LDOs, with OV/UV monitoring on all outputs. OUT1 is a
1A high-voltage, synchronous step-down converter operating from power over coax. OUT2 and OUT3 are low
voltage synchronous step-down converters and provide a
0.75V to 3.9375V output voltage range. OUT2 and OUT3
can deliver up to 1.7A current respectively for the highmegapixel cameras and high-speed serializers. LDO4 and
LDO5 deliver up to 0.4A and 0.9A of current to power the
secondary rails of the imager and a serializer. All outputs
achieve ±1.5% output accuracy over load, line, and temperature range. Overvoltage and undervoltage for each
output are monitored and their statuses are communicated through RESET and I2C.
The device features temperature monitoring with external
NTC. The IC accurately measures PCB temperature and
flags the temperature warning through RESET.
The device features a 2.1MHz fixed-frequency PWM
mode for better noise immunity and load transient response. The 2.1MHz frequency operation allows for the
use of all ceramic capacitors and minimizes external components. The programmable spread-spectrum frequency
modulation minimizes radiated electromagnetic emissions.
The I2C programmable output voltages and sequencing
increases flexibility for different image sensors and configurations. Other features include soft-start, overcurrent,
and overtemperature protections.

Applications
● Surround-View Cameras
● Rear-View Cameras
● Side-View Cameras
● Forward-Looking Cameras

Benefits and Features
● Multiple Functions for Small Size
• 1A Synchronous High-Voltage Buck Converter
• Input Voltage Range 3.5V to 22V
• 2.5V to 5V Output Voltage in 100mV Steps
• Two Synchronous Low-Voltage Buck Converters
• Delivers up to 1.7A Current
• 0.75V to 3.9375V Output Voltage in 12.5mV
Steps
• High-PSRR, Low-Voltage LDO for Camera Sensor
• Delivers up to 0.4A Current
• 0.75V to 3.9375V Output Voltage in 12.5mV
Steps
• Low-Voltage LDO
• Delivers up to 0.9A Current
• 0.75V to 3.9375V Output Voltage in 12.5mV
Steps
• 2.1MHz Operation
• RESET Output for OV/UV Detection and Other
Diagnostics
• SUP Voltage OV/UV Indication
● High Precision for ASIL B Applications
• ±1.5% Output Voltage Accuracy (OUT1-OUT5)
• ±1% OV/UV Monitoring Accuracy
● High-Precision Temperature Monitoring
• 12-Bit ADC for Accurate Board Temperature
• ±0.096% Voltage Measurement Accuracy
● Robust for the Automotive Environment
• ASIL B Compliant
• Current-Mode, Forced-PWM Operation
• Overtemperature and Short-Circuit Protection
• 5mm x 5mm, 28-Pin Side-Wettable TQFN
• -40°C to +125°C Automotive Temperature Range
• AEC-Q100 Qualified




Similar Part No. - MAX25252

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25250 MAXIM-MAX25250 Datasheet
968Kb / 19P
Four Output Mini PMIC for Camera Applications
Rev 0; 4/21
logo
Analog Devices
MAX25254 AD-MAX25254 Datasheet
1Mb / 24P
Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B
Rev 2; 6/22
MAX25254 AD-MAX25254 Datasheet
777Kb / 9P
MAX25255 Dual Phase Evaluation Kit
Rev 1; 8/22
MAX25254AFDC/VY+ AD-MAX25254AFDC/VY+ Datasheet
1Mb / 24P
Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B
Rev 2; 6/22
MAX25254AFDD/VY+ AD-MAX25254AFDD/VY+ Datasheet
1Mb / 24P
Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B
Rev 2; 6/22
More results


Similar Description - MAX25252

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
Interworking Controller Next Generation
2003
logo
SMSC Corporation
EMC2101 SMSC-EMC2101 Datasheet
1Mb / 55P
SMBus Fan Control with 1째C Accurate Temperature Monitoring
logo
SpectraLinear Inc
CY28416 SPECTRALINEAR-CY28416 Datasheet
190Kb / 14P
Next Generation FTG for Intel짰 Architecture
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
Crimping Next Generation
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
258Kb / 2P
Precise thermal monitoring with small, accurate temp sensors
August 2008
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
SMSC Corporation
EMC2101 SMSC-EMC2101_09 Datasheet
1Mb / 57P
SMBus Fan Control with 1째C Accurate Temperature Monitoring
logo
Texas Instruments
TPS650330-Q1 TI1-TPS650330-Q1 Datasheet
1Mb / 8P
Automotive Camera PMIC
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
PMIC for Automotive Camera
logo
Maxim Integrated Produc...
MAX25250 MAXIM-MAX25250 Datasheet
968Kb / 19P
Four Output Mini PMIC for Camera Applications
Rev 0; 4/21
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com