Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS14HE Datasheet (PDF) - ON Semiconductor

SS14HE Datasheet PDF - ON Semiconductor
Part # SS14HE
Download  SS14HE Download
File Size   179.22 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Barrier Rectifiers 1 A, 30 V - 60 V

SS14HE Datasheet (PDF)

Go To PDF Page Download Datasheet
SS14HE Datasheet PDF - ON Semiconductor

Part # SS14HE
Download  SS14HE Click to download

File Size   179.22 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Barrier Rectifiers 1 A, 30 V - 60 V

SS14HE Datasheet (HTML) - ON Semiconductor


SS14HE Product details

Features
• Very Low Profile − Typical Height of 0.68 mm
• Low Power Loss, High Efficiency
• Moisture Sensitivity Level 1 per J−STD−020
• UL Flammability 94V−0 Classification
• RoHS Compliant / Green Molding Compound
• NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable




Similar Part No. - SS14HE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS14HE ONSEMI-SS14HE Datasheet
189Kb / 6P
Surface Mount Schottky Barrier Rectifiers
January, 2021 ??Rev. 3
logo
TECH PUBLIC Electronics...
SS14HE TECHPUBLIC-SS14HE Datasheet
1Mb / 4P
Schottky barrier diode
logo
Comchip Technology
SS14HE-HF COMCHIP-SS14HE-HF Datasheet
479Kb / 4P
SMD Schottky Barrier Rectifiers
REV:A
logo
Vishay Siliconix
SS14HE3/5AT VISHAY-SS14HE3/5AT Datasheet
353Kb / 4P
Surface Mount Schottky Barrier Rectifier
22-Jan-08
SS14HE3/5AT VISHAY-SS14HE3/5AT Datasheet
89Kb / 4P
Surface Mount Schottky Barrier Rectifier
17-Dec-12
More results


Similar Description - SS14HE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS160V SECOS-SCS160V Datasheet
185Kb / 2P
1.0 A, 60 V Schottky Barrier Rectifiers
SCS520G SECOS-SCS520G_11 Datasheet
253Kb / 2P
0.1 A , 30 V Schottky Barrier Rectifiers
SCS0530P SECOS-SCS0530P Datasheet
270Kb / 2P
0.5 A, 30 V Schottky Barrier Rectifiers
SCS0530V SECOS-SCS0530V Datasheet
269Kb / 2P
0.5 A, 30 V Schottky Barrier Rectifiers
SCS0560P SECOS-SCS0560P Datasheet
271Kb / 2P
0.5 A, 60 V Schottky Barrier Rectifiers
SCS0560V SECOS-SCS0560V Datasheet
267Kb / 2P
0.5 A, 60 V Schottky Barrier Rectifiers
SM160PT SECOS-SM160PT Datasheet
197Kb / 2P
60 V 1 Amp Surface Mount Schottky Barrier Rectifiers
SCS160WS SECOS-SCS160WS Datasheet
182Kb / 2P
1 A, 60 V Schottky Barrier Rectifiers
MSCD102 SECOS-MSCD102 Datasheet
177Kb / 3P
Voltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
ON Semiconductor
SS22FA ONSEMI-SS22FA Datasheet
145Kb / 6P
Schottky Barrier Rectifiers, Surface Mount, 2 A, 20 V - 150 V
May, 2020 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com