Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4BC40WPBF Datasheet (PDF) - International Rectifier

IRG4BC40WPBF Datasheet PDF - International Rectifier
Part # IRG4BC40WPBF
Download  IRG4BC40WPBF Download
File Size   207.81 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description ISSULATED GATE BIPOLAR TRANSISTOR

IRG4BC40WPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRG4BC40WPBF Datasheet PDF - International Rectifier

Part # IRG4BC40WPBF
Download  IRG4BC40WPBF Click to download

File Size   207.81 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description ISSULATED GATE BIPOLAR TRANSISTOR

IRG4BC40WPBF Datasheet (HTML) - International Rectifier


IRG4BC40WPBF Product details

Features
• Designed expressly for Switch-Mode Power
   Supply and PFC (power factor correction)
   applications
• Industry-benchmark switching losses improve
   efficiency of all power supply topologies
• 50% reduction of Eoff parameter
• Low IGBT conduction losses
• Latest-generation IGBT design and construction offers
   tighter parameters distribution, exceptional reliability
• Lead-Free

Benefits
• Lower switching losses allow more cost-effective
   operation than power MOSFETs up to 150 kHz
   ("hard switched" mode)
• Of particular benefit to single-ended converters and
   boost PFC topologies 150W and higher
• Low conduction losses and minimal minority-carrier
   recombination make these an excellent option for
   resonant mode switching as well (up to >>300 kHz)




Similar Part No. - IRG4BC40WPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC40WPBF IRF-IRG4BC40WPBF Datasheet
283Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WPBF IRF-IRG4BC40WPBF_15 Datasheet
283Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
More results


Similar Description - IRG4BC40WPBF

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MB12-140 FUJI-1MB12-140 Datasheet
118Kb / 5P
INSULATED GATE BIPOLAR TRANSISTOR
1MBH60-100 FUJI-1MBH60-100 Datasheet
126Kb / 5P
INSULATED GATE BIPOLAR TRANSISTOR
logo
International Rectifier
IRG4IBC20W IRF-IRG4IBC20W Datasheet
154Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
GA200SA60U IRF-GA200SA60U Datasheet
197Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
logo
Renesas Technology Corp
CT60AM-18C RENESAS-CT60AM-18C Datasheet
97Kb / 6P
Insulated Gate Bipolar Transistor
logo
International Rectifier
GA100NA60U IRF-GA100NA60U Datasheet
300Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PF50WPBF IRF-IRG4PF50WPBF Datasheet
644Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4MC50U IRF-IRG4MC50U Datasheet
149Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRGP4062-EPBF IRF-IRGP4062-EPBF Datasheet
245Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG7PSH73K10PBF IRF-IRG7PSH73K10PBF Datasheet
393Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com