Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1364 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1364 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1364
Download  AOZ1364 Download
File Size   2368.22 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 28V Programmable Current-Limited Load Switch

AOZ1364 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1364 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1364
Download  AOZ1364 Click to download

File Size   2368.22 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 28V Programmable Current-Limited Load Switch

AOZ1364 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1364 Product details

General Description
The AOZ1364 is a high-side load switch intended for
applications that require circuit protection. The device
operates from a source voltage between 5.5V and 28V.
The internal current limiting circuit protects the input
supply voltage from large current load. The current limit
can be set with an external resistor. The AOZ1364
provides thermal protection function that limits excessive
power dissipation. The device employs internal soft-start
circuitry to control in-rush current due to highly capacitive
loads associated with hot-plug events. It features low
quiescent current of 280µA and the supply current
reduces to less than 1µA at shutdown.
The AOZ1364 is available in either an SO-8 or a
DFN-10 4 mm x 4 mm package which can operate over
a -40C to +85C temperature range.

Features
 35m maximum on resistance
 Programmable current limit
 5.5V to 28V operating input voltage
 Low quiescent current
 Under-voltage lockout
 Thermal shutdown protection
 2.5kV ESD rating
 Available in SO-8 or DFN-10 package

Applications
 Notebook PCs
 Hot swap supplies




Similar Part No. - AOZ1364

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1360 AOSMD-AOZ1360 Datasheet
938Kb / 12P
28V Programmable Current-Limited Load Switch
AOZ1360 AOSMD-AOZ1360 Datasheet
1Mb / 15P
28V Programmable Current-Limited Load Switch
AOZ1360 AOSMD-AOZ1360 Datasheet
1Mb / 16P
28V Programmable Current-Limited Load Switch
Rev. 2.0 January 2015
AOZ1360AI AOSMD-AOZ1360AI Datasheet
938Kb / 12P
28V Programmable Current-Limited Load Switch
AOZ1360AIL AOSMD-AOZ1360AIL Datasheet
1Mb / 16P
28V Programmable Current-Limited Load Switch
Rev. 2.0 January 2015
More results


Similar Description - AOZ1364

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
Current Limited Load Switch
2006.09.1.3
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
Current Limited Load Switch
2006.05.1.2
logo
Alpha & Omega Semicondu...
AOZ1360 AOSMD-AOZ1360 Datasheet
938Kb / 12P
28V Programmable Current-Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Alpha & Omega Semicondu...
AOZ1360 AOSMD-AOZ1360_12 Datasheet
1Mb / 15P
28V Programmable Current-Limited Load Switch
AOZ1361DI AOSMD-AOZ1361DI Datasheet
828Kb / 12P
28V Programmable Current-Limited Load Switch
AOZ1361DI-01 AOSMD-AOZ1361DI-01 Datasheet
828Kb / 12P
28V Programmable Current-Limited Load Switch
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
logo
Alpha & Omega Semicondu...
AOZ1360DIL AOSMD-AOZ1360DIL Datasheet
1Mb / 16P
28V Programmable Current-Limited Load Switch
Rev. 2.0 January 2015
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com