Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8651 Datasheet (PDF) - Analog Devices

AD8651 Datasheet PDF - Analog Devices
Part # AD8651
Download  AD8651 Download
File Size   463.8 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers

AD8651 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8651 Datasheet PDF - Analog Devices

Part # AD8651
Download  AD8651 Click to download

File Size   463.8 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers

AD8651 Datasheet (HTML) - Analog Devices


AD8651 Product details

FEATURES Bandwidth: 50 MHz at 5 V
Low noise: 4.5 nV/√Hz Offset voltage: 100 μV typical, specified over entire common-mode range Slew rate: 41 V/μs
Rail-to-rail input and output swing
Input bias current: 1 pA
Single-supply operation: 2.7 V to 5.5 V Space-saving MSOP and SOIC_N packaging
APPLICATIONS
Optical communications Laser source drivers/controllers
Broadband communications
High speed ADCs and DACs Microwave link interface Cell phone PA control Video line drivers
Audio




Similar Part No. - AD8651

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8651 AD-AD8651 Datasheet
558Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
9/04-Data Sheet Changed from Rev. A to Rev. B
AD8651 AD-AD8651 Datasheet
484Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8651 AD-AD8651 Datasheet
994Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651 AD-AD8651 Datasheet
780Kb / 20P
30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. F
AD8651AR AD-AD8651AR Datasheet
558Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
9/04-Data Sheet Changed from Rev. A to Rev. B
More results


Similar Description - AD8651

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8651 AD-AD8651 Datasheet
558Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
9/04-Data Sheet Changed from Rev. A to Rev. B
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Analog Devices
AD8651 AD-AD8651_06 Datasheet
484Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8652ARMZ AD-AD8652ARMZ Datasheet
994Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651ARMZ AD-AD8651ARMZ Datasheet
994Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651 AD-AD8651_15 Datasheet
467Kb / 20P
50 MHz, Precision, Low Distortion
REV. D
AD8652 AD-AD8652_15 Datasheet
467Kb / 20P
50 MHz, Precision, Low Distortion
REV. D
logo
Texas Instruments
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com