Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8661 Datasheet (PDF) - Analog Devices

AD8661 Datasheet PDF - Analog Devices
Part # AD8661
Download  AD8661 Download
File Size   569.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers

AD8661 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8661 Datasheet PDF - Analog Devices

Part # AD8661
Download  AD8661 Click to download

File Size   569.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers

AD8661 Datasheet (HTML) - Analog Devices


AD8661 Product details

FEATURES
Low offset voltage: 100 μV maximum at VS = 5 V
Low input bias current: 1 pA maximum
Single-supply operation: 5 V to 16 V
Low noise: 10 nV/√Hz
Wide bandwidth: 4 MHz
Unity-gain stable
Small package options
3 mm × 3 mm 8-lead LFCSP
8-lead MSOP and narrow SOIC
14-lead TSSOP and narrow SOIC
APPLICATIONS
Sensors
Medical equipment
Consumer audio
Photodiode amplification
ADC drivers




Similar Part No. - AD8661

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8661 AD-AD8661 Datasheet
184Kb / 5P
16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
AD8661 AD-AD8661 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8661ACP AD-AD8661ACP Datasheet
184Kb / 5P
16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
AD8661ACPZ-R2 AD-AD8661ACPZ-R2 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8661ACPZ-R2 AD-AD8661ACPZ-R2 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
More results


Similar Description - AD8661

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
10/07-Rev. 0 to Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
21-Mar-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com