Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8684ARZ Datasheet (PDF) - Analog Devices

AD8684ARZ Datasheet PDF - Analog Devices
Part # AD8684ARZ
Download  AD8684ARZ Download
File Size   370.66 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual/Quad Low Power, High Speed JFET Operational Amplifiers

AD8684ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8684ARZ Datasheet PDF - Analog Devices

Part # AD8684ARZ
Download  AD8684ARZ Click to download

File Size   370.66 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual/Quad Low Power, High Speed JFET Operational Amplifiers

AD8684ARZ Datasheet (HTML) - Analog Devices


AD8684ARZ Product details

FEATURES
Low supply current: 250 μA/amp maximum
High slew rate: 9 V/μs
Bandwidth: 3.5 MHz typical
Low offset voltage: 1 mV maximum @ 25°C
Low input bias current: 20 pA maximum @ 25°C
CMRR: 90 dB typical
Fast settling time
Unity-gain stable
APPLICATIONS
Portable telecommunications
Low power industrial and instrumentation
Loop filters
Active and precision filters
Integrators
Strain gauge amplifiers
Portable medical instrumentation
Supply current monitoring




Similar Part No. - AD8684ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8684ARZ AD-AD8684ARZ Datasheet
327Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
10/06-Revision 0
AD8684ARZ AD-AD8684ARZ Datasheet
318Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
AD8684ARZ-REEL AD-AD8684ARZ-REEL Datasheet
327Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
10/06-Revision 0
AD8684ARZ-REEL AD-AD8684ARZ-REEL Datasheet
318Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
AD8684ARZ-REEL7 AD-AD8684ARZ-REEL7 Datasheet
327Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
10/06-Revision 0
More results


Similar Description - AD8684ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP282 AD-OP282 Datasheet
260Kb / 12P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV.B
AD8682 AD-AD8682 Datasheet
327Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
10/06-Revision 0
logo
Texas Instruments
TLE2082 TI-TLE2082 Datasheet
992Kb / 37P
EXCALIBUR HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
TLE2072 TI-TLE2072 Datasheet
986Kb / 37P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP282 AD-OP282_04 Datasheet
340Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Rev. F
AD8682 AD-AD8682_07 Datasheet
318Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
logo
STMicroelectronics
TL062CDT STMICROELECTRONICS-TL062CDT Datasheet
866Kb / 15P
Low-power JFET dual operational amplifiers
21-Sep-2012
logo
Analog Devices
OP282ARMZ AD-OP282ARMZ Datasheet
317Kb / 16P
Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
Rev. I
logo
STMicroelectronics
TL062ACDT STMICROELECTRONICS-TL062ACDT Datasheet
866Kb / 15P
Low-power JFET dual operational amplifiers
21-Sep-2012
TL062IDT STMICROELECTRONICS-TL062IDT Datasheet
866Kb / 15P
Low-power JFET dual operational amplifiers
21-Sep-2012
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com