Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467 Datasheet (PDF) - Analog Devices

OP467 Datasheet PDF - Analog Devices
Part # OP467
Download  OP467 Download
File Size   487.66 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Precision, High Speed Operational Amplifier

OP467 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP467 Datasheet PDF - Analog Devices

Part # OP467
Download  OP467 Click to download

File Size   487.66 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Precision, High Speed Operational Amplifier

OP467 Datasheet (HTML) - Analog Devices


OP467 Product details

FEATURES
High slew rate: 170 V/μs
Wide bandwidth: 28 MHz
Fast settling time: <200 ns to 0.01% Low offset voltage: <500 μV Unity-gain stable
Low voltage operation: ±5 V to ±15 V Low supply current: <10 mA
Drives capacitive loads
APPLICATIONS
High speed image display drivers
High frequency active filters
Fast instrumentation amplifiers
High speed detectors
Integrators
Photo diode preamps




Similar Part No. - OP467

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP467 AD-OP467 Datasheet
242Kb / 16P
Quad Precision, High Speed Operational Amplifier
REV.C
OP467 AD-OP467 Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
OP467ARC/883 AD-OP467ARC/883 Datasheet
242Kb / 16P
Quad Precision, High Speed Operational Amplifier
REV.C
OP467ARC/883C AD-OP467ARC/883C Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
OP467AY/883 AD-OP467AY/883 Datasheet
242Kb / 16P
Quad Precision, High Speed Operational Amplifier
REV.C
More results


Similar Description - OP467

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
OP467 AD-OP467 Datasheet
242Kb / 16P
Quad Precision, High Speed Operational Amplifier
REV.C
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Linear Technology
RH118 LINER-RH118 Datasheet
158Kb / 4P
Precision, High Speed Operational Amplifier
logo
Analog Devices
OP467 AD-OP467_07 Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
logo
Texas Instruments
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
OP467 AD-OP467_15 Datasheet
488Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev.
logo
Linear Technology
RH118 LINER-RH118_15 Datasheet
103Kb / 4P
Precision, High Speed Operational Amplifier
logo
Texas Instruments
OPA404 TI1-OPA404_15 Datasheet
761Kb / 16P
Quad High-Speed Precision OPERATIONAL AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com