Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8706 Datasheet (PDF) - Monolithic Power Systems

MP8706 Datasheet PDF - Monolithic Power Systems
Part # MP8706
Download  MP8706 Download
File Size   435.04 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High Efficiency 3A, 21V, 500KHz Synchronous Step-down Converter

MP8706 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8706 Datasheet PDF - Monolithic Power Systems

Part # MP8706
Download  MP8706 Click to download

File Size   435.04 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High Efficiency 3A, 21V, 500KHz Synchronous Step-down Converter

MP8706 Datasheet (HTML) - Monolithic Power Systems


MP8706 Product details

DESCRIPTION
The MP8706 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve 3A continuous
output current over a wide input supply range
with excellent load and line regulation. The
MP8706 has synchronous mode operation for
higher efficiency over output current load range.
Current mode operation provides fast transient
response and eases loop stabilization.
Full protection features include OCP and
thermal shut down.
The MP8706 requires a minimum number of
readily available standard external components
and is available in a space saving 8-pin SOIC
package with an exposed pad.

FEATURES
• Wide 4.5V to 21V Operating Input Range
• 3A Output Current
• Low Rds(on) Internal Power MOSFETs
• Proprietary Switching Loss Reduction
Technique
• High Efficiency Synchronous Mode Operation
• Fixed 500KHz Switching Frequency
• Sync from 300KHz to 2MHz External Clock
• Internal Compensation
• Integrated Bootstrap Diode
• OCP Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in a Thermally Enhanced 8-pin SOIC
package

APPLICATIONS
• Notebook Systems and I/O Power
• Networking Systems
• Digital Set Top Boxes
• Personal Video Recorders
• Flat Panel Television and Monitors
• Distributed Power Systems




Similar Part No. - MP8706

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP8705 FAIRVIEW-MP8705 Datasheet
479Kb / 2P
2 Way Power Divider N Connectors From 380 MHz to 2.7 GHz Rated at 300 Watts
REV 1.1B
logo
Monolithic Power System...
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8709EN MPS-MP8709EN Datasheet
368Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
More results


Similar Description - MP8706

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8287 RICHTEK-RT8287 Datasheet
348Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8288 RICHTEK-RT8288 Datasheet
325Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8716 MPS-MP8716 Datasheet
321Kb / 14P
High Efficiency 3A, 21V, 500kHz Synchronous Step-down Converter
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
21V, 3A, 500kHz, Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com