Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT520 Datasheet (PDF) - Seoul Semiconductor

LT520 Datasheet PDF - Seoul Semiconductor
Part # LT520
Download  LT520 Download
File Size   345.83 Kbytes
Page   10 Pages
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor
Description GREEN LAMP LED

LT520 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT520 Datasheet PDF - Seoul Semiconductor

Part # LT520
Download  LT520 Click to download

File Size   345.83 Kbytes
Page   10 Pages
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor
Description GREEN LAMP LED

LT520 Datasheet (HTML) - Seoul Semiconductor


LT520 Product details

Description
Lamp LEDs are effective in hot thermal and humid condition. This high brightness and weather-resistant packaging design makes these Lamp LEDs ideal for Outdoor applications such as traffic signals, variable message signs and backlighting for transparent sign panels.

Features
• High luminous emission
• Non-standoff leads
• 5mm type package
• Transparent epoxy lens
• Viewing angle : 22 º
• Dominant Wavelength : 525nm

Applications
• Electronic signs and signals
• Specialty lighting
• Small area illumination
• Backlighting
• Other outdoor displays




Similar Part No. - LT520

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LT520 SEOUL-LT520 Datasheet
401Kb / 12P
GREEN LAMP LED
LT520Z SEOUL-LT520Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LT520 SEOUL-LT520_1 Datasheet
401Kb / 12P
GREEN LAMP LED
More results


Similar Description - LT520

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB100D MICRO-ELECTRONICS-MGB100D Datasheet
42Kb / 1P
HIGH BRIGHTNESS GREEN LED LAMP
MGB34TA MICRO-ELECTRONICS-MGB34TA Datasheet
41Kb / 1P
3mm CYLINDRIC GREEN LED LAMP
logo
OPTEK Technologies
OVLKGGT6 OPTEK-OVLKGGT6 Datasheet
770Kb / 4P
Oval Green LED Lamp (3mm)
5/26
logo
Seoul Semiconductor
LT770D SEOUL-LT770D Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LT370 SEOUL-LT370 Datasheet
343Kb / 10P
GREEN LAMP LED
LT370 SEOUL-LT370_1 Datasheet
396Kb / 12P
GREEN LAMP LED
LT520 SEOUL-LT520_1 Datasheet
401Kb / 12P
GREEN LAMP LED
logo
Micro Electronics
MGB31DA MICRO-ELECTRONICS-MGB31DA Datasheet
109Kb / 1P
GREEN LED LAMP
logo
TT Electronics.
OVLHGKD8 TTELEC-OVLHGKD8 Datasheet
667Kb / 4P
Oval Green LED Lamp (5mm)
OVLKGGT6 TTELEC-OVLKGGT6 Datasheet
772Kb / 4P
Oval Green LED Lamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com