Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F631-E/SSSQTP Datasheet (PDF) - Microchip Technology

PIC16F631-E/SSSQTP Datasheet PDF - Microchip Technology
Part # PIC16F631-E/SSSQTP
Download  PIC16F631-E/SSSQTP Download
File Size   5503.83 Kbytes
Page   294 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology

PIC16F631-E/SSSQTP Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F631-E/SSSQTP Datasheet PDF - Microchip Technology

Part # PIC16F631-E/SSSQTP
Download  PIC16F631-E/SSSQTP Click to download

File Size   5503.83 Kbytes
Page   294 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology

PIC16F631-E/SSSQTP Datasheet (HTML) - Microchip Technology


PIC16F631-E/SSSQTP Product details

DEVICE OVERVIEW

The PIC16F631/677/685/687/689/690 devices are covered by this data sheet. They are available in 20-pin PDIP, SOIC, TSSOP and QFN packages.



High-Performance RISC CPU:

• Only 35 Instructions to Learn:

   - All single-cycle instructions except branches

• Operating Speed:

   - DC – 20 MHz oscillator/clock input

   - DC – 200 ns instruction cycle

• Interrupt Capability

• 8-Level Deep Hardware Stack

• Direct, Indirect and Relative Addressing modes



Special Microcontroller Features:

• Precision Internal Oscillator:

   - Factory calibrated to ± 1%

   - Software selectable frequency range of 8 MHz to 32 kHz

   - Software tunable

   - Two-Speed Start-up mode

   - Crystal fail detect for critical applications

   - Clock mode switching during operation for power savings

• Power-Saving Sleep mode

• Wide Operating Voltage Range (2.0V-5.5V)

• Industrial and Extended Temperature Range

• Power-on Reset (POR)

• Power-up Timer (PWRTE) and Oscillator Start-up Timer (OST)

• Brown-out Reset (BOR) with Software Control Option

• Enhanced Low-Current Watchdog Timer (WDT) with On-Chip Oscillator (Software selectable nominal 268 Seconds with Full Prescaler) with Software Enable

• Multiplexed Master Clear/Input Pin

• Programmable Code Protection

• High Endurance Flash/EEPROM Cell:

   - 100,000 write Flash endurance

   - 1,000,000 write EEPROM endurance

   - Flash/Data EEPROM retention: > 40 years

• Enhanced USART Module:

   - Supports RS-485, RS-232 and LIN 2.0

   - Auto-Baud Detect

   - Auto-wake-up on Start bit

  

Low-Power Features:

• Standby Current:

   - 50 nA @ 2.0V, typical

• Operating Current:

   - 11 μA @ 32 kHz, 2.0V, typical

   - 220 μA @ 4 MHz, 2.0V, typical

• Watchdog Timer Current:

   - <1 μA @ 2.0V, typical

  

Peripheral Features:

• 17 I/O Pins and 1 Input-Only Pin:

   - High current source/sink for direct LED drive

   - Interrupt-on-Change pin

   - Individually programmable weak pull-ups

   - Ultra Low-Power Wake-up (ULPWU)

• Analog Comparator Module with:

   - Two analog comparators

   - Programmable on-chip voltage reference (CVREF) module (% of VDD)

   - Comparator inputs and outputs externally accessible

   - SR Latch mode

   - Timer 1 Gate Sync Latch

   - Fixed 0.6V VREF

• A/D Converter:

   - 10-bit resolution and 12 channels

• Timer0: 8-bit Timer/Counter with 8-bit Programmable Prescaler

• Enhanced Timer1:

   - 16-bit timer/counter with prescaler

   - External Timer1 Gate (count enable)

   - Option to use OSC1 and OSC2 in LP mode as Timer1 oscillator if INTOSC mode selected

• Timer2: 8-bit Timer/Counter with 8-bit Period Register, Prescaler and Postscaler

• Enhanced Capture, Compare, PWM+ Module:

   - 16-bit Capture, max resolution 12.5 ns

   - Compare, max resolution 200 ns

   - 10-bit PWM with 1, 2 or 4 output channels, programmable “dead time”, max frequency 20 kHz

   - PWM output steering control

• Synchronous Serial Port (SSP):

   - SPI mode (Master and Slave)

• I2C™ (Master/Slave modes):

   - I2C™ address mask

• In-Circuit Serial ProgrammingTM (ICSPTM) via Two Pins



 




Similar Part No. - PIC16F631-E/SSSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F631-E/SS MICROCHIP-PIC16F631-E/SS Datasheet
5Mb / 306P
20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2008
More results


Similar Description - PIC16F631-E/SSSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F683 MICROCHIP-PIC12F683 Datasheet
2Mb / 148P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2004
PIC16F684 MICROCHIP-PIC16F684_07 Datasheet
3Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F688 MICROCHIP-PIC16F688_07 Datasheet
3Mb / 202P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F683 MICROCHIP-PIC12F683_07 Datasheet
3Mb / 176P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F631 MICROCHIP-PIC16F631_08 Datasheet
5Mb / 306P
20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2008
PIC16F690IP MICROCHIP-PIC16F690IP Datasheet
5Mb / 306P
20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2008
PIC16F690-I-SO MICROCHIP-PIC16F690-I-SO Datasheet
5Mb / 306P
20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
01/02/08
PIC16F688-I MICROCHIP-PIC16F688-I Datasheet
3Mb / 204P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
PIC16F684T-E MICROCHIP-PIC16F684T-E Datasheet
2Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC16F628A-IP MICROCHIP-PIC16F628A-IP Datasheet
3Mb / 180P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com