Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F684T-E Datasheet (PDF) - Microchip Technology

PIC16F684T-E Datasheet PDF - Microchip Technology
Part # PIC16F684T-E
Download  PIC16F684T-E Download
File Size   2453.13 Kbytes
Page   192 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology

PIC16F684T-E Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F684T-E Datasheet PDF - Microchip Technology

Part # PIC16F684T-E
Download  PIC16F684T-E Click to download

File Size   2453.13 Kbytes
Page   192 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology

PIC16F684T-E Datasheet (HTML) - Microchip Technology


PIC16F684T-E Product details

High-Performance RISC CPU:

• Only 35 instructions to learn:

- All single-cycle instructions except branches

• Operating speed:

- DC – 20 MHz oscillator/clock input

- DC – 200 ns instruction cycle

• Interrupt capability

• 8-level deep hardware stack

• Direct, Indirect and Relative Addressing modes



Special Microcontroller Features:

• Precision Internal Oscillator:

- Factory calibrated to ±1%, typical

- Software selectable frequency range of 8 MHz to 125 kHz

- Software tunable

- Two-Speed Start-up mode

- Crystal fail detect for critical applications

- Clock mode switching during operation for power savings

• Software Selectable 31 kHz Internal Oscillator

• Power-Saving Sleep mode

• Wide operating voltage range (2.0V-5.5V)

• Industrial and Extended Temperature range

• Power-on Reset (POR)

• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Brown-out Reset (BOR) with software control option

• Enhanced low-current Watchdog Timer (WDT) with on-chip oscillator (software selectable nominal 268 seconds with full prescaler) with software enable

• Multiplexed Master Clear with pull-up/input pin

• Programmable code protection

• High Endurance Flash/EEPROM cell:

- 100,000 write Flash endurance

- 1,000,000 write EEPROM endurance

- Flash/Data EEPROM retention: > 40 years



Low-Power Features:

• Standby Current:

- 50 nA @ 2.0V, typical

• Operating Current:

- 11 μA @ 32 kHz, 2.0V, typical

- 220 μA @ 4 MHz, 2.0V, typical

• Watchdog Timer Current:

- 1 μA @ 2.0V, typical




Similar Part No. - PIC16F684T-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F684T-I MICROCHIP-PIC16F684T-I Datasheet
3Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
12/08/06
More results


Similar Description - PIC16F684T-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F635 MICROCHIP-PIC12F635 Datasheet
3Mb / 196P
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
2005
PIC16F684 MICROCHIP-PIC16F684 Datasheet
2Mb / 164P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2004
PIC16F688 MICROCHIP-PIC16F688 Datasheet
2Mb / 174P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2004
PIC16F684 MICROCHIP-PIC16F684_07 Datasheet
3Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F688 MICROCHIP-PIC16F688_07 Datasheet
3Mb / 202P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F635 MICROCHIP-PIC12F635_07 Datasheet
3Mb / 234P
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F688 MICROCHIP-PIC16F688_09 Datasheet
3Mb / 204P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F636-I MICROCHIP-PIC16F636-I Datasheet
2Mb / 234P
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC16F688-I MICROCHIP-PIC16F688-I Datasheet
3Mb / 204P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
PIC16F636T-I MICROCHIP-PIC16F636T-I Datasheet
2Mb / 234P
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com