Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F688 Datasheet (PDF) - Microchip Technology

PIC16F688 Datasheet PDF - Microchip Technology
Part # PIC16F688
Download  PIC16F688 Download
File Size   2902.05 Kbytes
Page   174 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology

PIC16F688 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F688 Datasheet PDF - Microchip Technology

Part # PIC16F688
Download  PIC16F688 Click to download

File Size   2902.05 Kbytes
Page   174 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology

PIC16F688 Datasheet (HTML) - Microchip Technology


PIC16F688 Product details

High-Performance RISC CPU:

• Only 35 instructions to learn:

- All single-cycle instructions except branches

• Operating speed:

- DC – 20 MHz oscillator/clock input

- DC – 200 ns instruction cycle

• Interrupt capability

• 8-level deep hardware stack

• Direct, Indirect and Relative Addressing modes



Special Microcontroller Features:

• Precision Internal Oscillator:

- Factory calibrated to ±1%

- Software selectable frequency range of 8 MHz to 125 kHz

- Software tunable

- Two-Speed Start-Up mode

- Crystal fail detect for critical applications

- Clock mode switching during operation for power savings

• Power-Saving Sleep mode

• Wide operating voltage range (2.0V-5.5V)

• Industrial and Extended temperature range

• Power-on Reset (POR)

• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Brown-out Reset (BOR) with software control option

• Enhanced Low-Current Watchdog Timer (WDT) with on-chip oscillator (software selectable nominal 268 seconds with full prescaler) with software enable

• Multiplexed Master Clear with weak pull-up or input only pin

• Programmable code protection

• High-Endurance Flash/EEPROM cell:

- 100,000 write Flash endurance

- 1,000,000 write EEPROM endurance

- Flash/Data EEPROM retention: > 40 years




Similar Part No. - PIC16F688

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F688 MICROCHIP-PIC16F688 Datasheet
3Mb / 204P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F688 MICROCHIP-PIC16F688 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
logo
Matrix Technology Solut...
PIC16F688 MATRIX-PIC16F688 Datasheet
2Mb / 13P
This document concerns the EB006V9 E-blocks PICmicro multiprogrammer board (version 9).
logo
Microchip Technology
PIC16F688-E/ML MICROCHIP-PIC16F688-E/ML Datasheet
3Mb / 202P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F688-E/ML MICROCHIP-PIC16F688-E/ML Datasheet
3Mb / 204P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
More results


Similar Description - PIC16F688

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F635 MICROCHIP-PIC12F635 Datasheet
3Mb / 196P
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
2005
PIC16F684 MICROCHIP-PIC16F684 Datasheet
2Mb / 164P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2004
PIC16F684 MICROCHIP-PIC16F684_07 Datasheet
3Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F688 MICROCHIP-PIC16F688_07 Datasheet
3Mb / 202P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F635 MICROCHIP-PIC12F635_07 Datasheet
3Mb / 234P
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F688 MICROCHIP-PIC16F688_09 Datasheet
3Mb / 204P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F636-I MICROCHIP-PIC16F636-I Datasheet
2Mb / 234P
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC16F688-I MICROCHIP-PIC16F688-I Datasheet
3Mb / 204P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
PIC16F636T-I MICROCHIP-PIC16F636T-I Datasheet
2Mb / 234P
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC16F684T-E MICROCHIP-PIC16F684T-E Datasheet
2Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com