Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F615-E/ST Datasheet (PDF) - Microchip Technology

PIC12F615-E/ST Datasheet PDF - Microchip Technology
Part # PIC12F615-E/ST
Download  PIC12F615-E/ST Download
File Size   2734.11 Kbytes
Page   168 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Pin Flash-Based, 8-Bit CMOS Microcontrollers

PIC12F615-E/ST Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC12F615-E/ST Datasheet PDF - Microchip Technology

Part # PIC12F615-E/ST
Download  PIC12F615-E/ST Click to download

File Size   2734.11 Kbytes
Page   168 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Pin Flash-Based, 8-Bit CMOS Microcontrollers

PIC12F615-E/ST Datasheet (HTML) - Microchip Technology


PIC12F615-E/ST Product details

DEVICE OVERVIEW

The PIC12F609/615/617/12HV609/615 devices are covered by this data sheet. They are available in 8-pin PDIP, SOIC, MSOP and DFN packages.

Block Diagrams and pinout descriptions of the devices are as follows:



   • PIC12F609/HV609 (Figure 1-1, Table 1-1)

   • PIC12F615/617/HV615 (Figure 1-2, Table 1-2)

  

High-Performance RISC CPU:

• Only 35 Instructions to Learn:

   - All single-cycle instructions except branches

• Operating Speed:

   - DC – 20 MHz oscillator/clock input

   - DC – 200 ns instruction cycle

• Interrupt Capability

• 8-Level Deep Hardware Stack

• Direct, Indirect and Relative Addressing modes Special Microcontroller Features:

• Precision Internal Oscillator:

   - Factory calibrated to ±1%, typical

   - Software selectable frequency: 4 MHz or 8 MHz

• Power-Saving Sleep mode

• Voltage Range:

   - PIC12F609/615/617: 2.0V to 5.5V

   - PIC12HV609/615: 2.0V to user defined maximum (see note)

• Industrial and Extended Temperature Range

• Power-on Reset (POR)

• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Brown-out Reset (BOR)

• Watchdog Timer (WDT) with independent Oscillator for Reliable Operation

• Multiplexed Master Clear with Pull-up/Input Pin

• Programmable Code Protection

• High Endurance Flash:

   - 100,000 write Flash endurance

   - Flash retention: > 40 years

• Self Read/ Write Program Memory (PIC12F617 only)



Low-Power Features:

• Standby Current:

   - 50 nA @ 2.0V, typical

• Operating Current:

   - 11A @ 32 kHz, 2.0V, typical

   - 260A @ 4 MHz, 2.0V, typical

• Watchdog Timer Current:

   - 1A @ 2.0V, typical



Peripheral Features:

• Shunt Voltage Regulator (PIC12HV609/615 only):

   - 5 volt regulation

   - 4 mA to 50 mA shunt range

• 5 I/O Pins and 1 Input Only

• High Current Source/Sink for Direct LED Drive

   - Interrupt-on-pin change or pins

   - Individually programmable weak pull-ups

• Analog Comparator module with:

   - One analog comparator

   - Programmable on-chip voltage reference (CVREF) module (% of VDD)

   - Comparator inputs and output externally accessible

   - Built-In Hysteresis (software selectable)

• Timer0: 8-Bit Timer/Counter with 8-Bit Programmable Prescaler

• Enhanced Timer1:

   - 16-bit timer/counter with prescaler

   - External Timer1 Gate (count enable)

   - Option to use OSC1 and OSC2 in LP mode as Timer1 oscillator if INTOSC mode selected

   - Option to use system clock as Timer1

• In-Circuit Serial ProgrammingTM (ICSPTM) via Two Pins



PIC12F615/617/HV615 ONLY:

• Enhanced Capture, Compare, PWM module:

   - 16-bit Capture, max. resolution 12.5 ns

   - Compare, max. resolution 200 ns

   - 10-bit PWM with 1 or 2 output channels, 1 output channel programmable “dead time,” max. frequency 20 kHz, auto-shutdown

• A/D Converter:

   - 10-bit resolution and 4 channels, samples internal voltage references

• Timer2: 8-Bit Timer/Counter with 8-Bit Period Register, Prescaler and Postscaler



 




Similar Part No. - PIC12F615-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F615-E/SN MICROCHIP-PIC12F615-E/SN Datasheet
1Mb / 212P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
More results


Similar Description - PIC12F615-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
16F630 MICROCHIP-16F630 Datasheet
2Mb / 132P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
PIC16F630 MICROCHIP-PIC16F630_06 Datasheet
2Mb / 130P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2006
PIC12F609 MICROCHIP-PIC12F609_10 Datasheet
1Mb / 212P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F629 MICROCHIP-PIC12F629 Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F752-I-SN MICROCHIP-PIC12F752-I-SN Datasheet
2Mb / 210P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
08/02/11
PIC12F675I-SN MICROCHIP-PIC12F675I-SN Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC12F675-E MICROCHIP-PIC12F675-E Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com