Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F280025CPMS Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
F280025CPMS Datasheet PDF - Texas Instruments
Part # F280025CPMS
Download  F280025CPMS Download
File Size   6591.18 Kbytes
Page   240 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMS320F28002x Real-Time Microcontrollers

F280025CPMS Datasheet (PDF)

Go To PDF Page Download Datasheet
F280025CPMS Datasheet PDF - Texas Instruments

Part # F280025CPMS
Download  F280025CPMS Click to download

File Size   6591.18 Kbytes
Page   240 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMS320F28002x Real-Time Microcontrollers

F280025CPMS Datasheet (HTML) - Texas Instruments


F280025CPMS Product details

1 Features
• TMS320C28x 32-bit DSP core at 100MHz
– IEEE 754 Floating-Point Unit (FPU)
• Support for Fast Integer Division (FINTDIV)
– Trigonometric Math Unit (TMU)
• Support for Nonlinear Proportional Integral
Derivative (NLPID) control
– CRC Engine and Instructions (VCRC)
– Ten hardware breakpoints (with ERAD)
• On-chip memory
– 128KB (64KW) of flash (ECC-protected)
– 24KB (12KW) of RAM (ECC or parity-protected)
– Dual-zone security
• Clock and system control
– Two internal zero-pin 10MHz oscillators
– Crystal oscillator or external clock input
– Windowed watchdog timer module
– Missing clock detection circuitry
– Dual-clock Comparator (DCC)
• Single 3.3V supply
– Internal VREG generation
– Brownout reset (BOR) circuit
• System peripherals
– 6-channel Direct Memory Access (DMA)
controller
– 43 individually programmable multiplexed
General-Purpose Input/Output (GPIO) pins
– 16 digital inputs on analog pins
– Enhanced Peripheral Interrupt Expansion
(ePIE)
– Multiple low-power mode (LPM) support
– Embedded Real-time Analysis and Diagnostic
(ERAD)
– Unique Identification (UID) number
• Communications peripherals
– One Power-Management Bus (PMBus)
interface
– Two Inter-integrated Circuit (I2C) interfaces
– One Controller Area Network (CAN) bus port
– Two Serial Peripheral Interface (SPI) ports
– One UART-compatible Serial Communication
Interface (SCI)
– Two UART-compatible Local Interconnect
Network (LIN) interfaces
– Fast Serial Interface (FSI) with one transmitter
and one receiver (up to 200Mbps)
• Analog system
– Two 3.45MSPS, 12-bit Analog-to-Digital
Converters (ADCs)
• Up to 16 external channels
• Four integrated Post-Processing Blocks
(PPB) per ADC
– Four windowed comparators (CMPSS) with
12-bit reference Digital-to-Analog Converters
(DACs)
• Digital glitch filters
• Enhanced control peripherals
– 14 ePWM channels with eight channels
that have high-resolution capability (150ps
resolution)
• Integrated dead-band support
• Integrated hardware trip zones (TZs)
– Three Enhanced Capture (eCAP) modules
• High-resolution Capture (HRCAP) available
on one of the three eCAP modules
– Two Enhanced Quadrature Encoder Pulse
(eQEP) modules with support for CW/CCW
operation modes
• Configurable Logic Block (CLB)
– Augments existing peripheral capability
– Supports position manager solutions
• Host Interface Controller (HIC)
– Access to internal memory from an external
host
• Background CRC (BGCRC)
– One cycle CRC computation on 32 bits of data
• Diagnostic features
– Memory Power On Self Test (MPOST)
– Hardware Built-in Self Test (HWBIST)
• Package options:
– 80-pin Low-profile Quad Flatpack (LQFP)
[PN suffix]
– 64-pin LQFP [PM suffix]
– 48-pin LQFP [PT suffix]
• Temperature options:
– S: –40°C to 125°C junction
– Q: –40°C to 125°C free-air
(AEC Q100 qualification for automotive
applications)
• Functional Safety Quality-Managed
– Documentation available to aid ISO 26262, IEC
61508, and IEC 60730 system design

2 Applications
• Appliances
– Air conditioner outdoor unit
• Building automation
– Door operator drive control
• Industrial machine & machine tools
– Automated sorting equipment
– Textile machine
• EV charging infrastructure
– AC charging (pile) station
– DC charging (pile) station
– EV charging station power module
– Wireless EV charging station
• Renewable energy storage
– Energy storage power conversion system
(PCS)
• Solar energy
– Central inverter
– Micro inverter
– Solar power optimizer
– Solar arc protection
– Rapid shutdown
– Electricity meter
– String inverter
• Hybrids, electric & powertrain systems
– DC/DC converter
– Inverter & motor control
– On-board (OBC) & wireless charger
– Automotive pump
– Electric power steering (EPS)
• Body electronics & lighting
– Automotive HVAC compressor module
– DC/AC inverter
– Headlight
• AC inverter & VF drives
– AC drive control module
– AC drive position feedback
– AC drive power stage module
• Linear motor transport systems
– Linear motor power stage
• Single & multi axis servo drives
– Servo drive position feedback
– Servo drive power stage module
• Speed controlled BLDC drives
– AC-input BLDC motor drive
– DC-input BLDC motor drive
• Industrial power
– Industrial AC-DC
• UPS
– Three phase UPS
– Single phase online UPS
• Telecom & server power
– Merchant DC/DC
– Merchant network & server PSU
– Merchant telecom rectifiers

3 Description
The TMS320F28002x (F28002x) is a member of the C2000™ real-time microcontroller family of scalable, ultralow
latency devices designed for efficiency in power electronics, including but not limited to: high power density,
high switching frequencies, and supporting the use of GaN and SiC technologies.
These include such applications as:
• Industrial motor drives
• Motor control
• Solar inverters
• Digital power
• Electrical vehicles and transportation
• Sensing and signal processing
The real-time control subsystem is based on TI’s 32-bit C28x DSP core, which provides 100MHz of signalprocessing
performance for floating- or fixed-point code running from either on-chip flash or SRAM. The
C28x CPU is further boosted by the Trigonometric Math Unit (TMU) and VCRC (Cyclical Redundancy Check)
extended instruction sets, speeding up common algorithms key to real-time control systems.
High-performance analog blocks are integrated on the F28002x real-time microcontroller (MCU) and are closely
coupled with the processing and PWM units to provide optimal real-time signal chain performance. Fourteen
PWM channels, all supporting frequency-independent resolution modes, enable control of various power stages
from a 3-phase inverter to advanced multilevel power topologies.
The inclusion of the Configurable Logic Block (CLB) allows the user to add custom logic and potentially integrate
FPGA-like functions into the C2000 real-time MCU.
Interfacing is supported through various industry-standard communication ports (such as SPI, SCI, I2C, PMBus,
LIN, and CAN) and offers multiple pin-muxing options for optimal signal placement. The Fast Serial Interface
(FSI) enables up to 200Mbps of robust communications across an isolation boundary.
New to the C2000 platform is the Host Interface Controller (HIC), a high-throughput interface that allows an
external host to access the resources of the TMS320F28002x directly.
Want to learn more about features that make C2000 MCUs the right choice for your real-time control system?
Check out The Essential Guide for Developing With C2000™ Real-Time Microcontrollers and visit the C2000™
real-time control MCUs page.
The Getting Started With C2000™ Real-Time Control Microcontrollers (MCUs) Getting Started Guide covers all
aspects of development with C2000 devices from hardware to support resources. In addition to key reference
documents, each section provides relevant links and resources to further expand on the information covered.
Ready to get started? Check out the TMDSCNCD280025C evaluation board and download C2000Ware.




Similar Part No. - F280025CPMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F280025CPMS TI-F280025CPMS Datasheet
3Mb / 180P
TMS320F28002x Microcontrollers
F280025CPMS TI-F280025CPMS Datasheet
5Mb / 198P
TMS320F28002x Real-Time Microcontrollers
F280025CPMS TI2-F280025CPMS Datasheet
6Mb / 243P
TMS320F28002x Real-Time Microcontrollers
REVISED APRIL 2024
F280025CPMS.A TI2-F280025CPMS.A Datasheet
6Mb / 243P
TMS320F28002x Real-Time Microcontrollers
REVISED APRIL 2024
F280025CPMS.B TI2-F280025CPMS.B Datasheet
6Mb / 243P
TMS320F28002x Real-Time Microcontrollers
REVISED APRIL 2024
More results


Similar Description - F280025CPMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F280025 TI1-TMS320F280025 Datasheet
3Mb / 180P
TMS320F28002x Microcontrollers
TMS320F280025 TI-TMS320F280025_V01 Datasheet
3Mb / 180P
TMS320F28002x Microcontrollers
TMS320F280025 TI-TMS320F280025_V02 Datasheet
5Mb / 198P
TMS320F28002x Real-Time Microcontrollers
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V05 Datasheet
6Mb / 255P
TMS320F28003x Real-Time Microcontrollers
REVISED MARCH 2022
TMS320F2800137 TI-TMS320F2800137_V02 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
TMS320F2800157-Q1 TI-TMS320F2800157-Q1_V01 Datasheet
5Mb / 232P
TMS320F280015x Real-Time Microcontrollers
REVISED JULY 2023
TMS320F2800137 TI-TMS320F2800137_V07 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F2800137 TI-TMS320F2800137_V08 Datasheet
5Mb / 219P
TMS320F280013x Real-Time Microcontrollers
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com