Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX9832 Datasheet (PDF) - Texas Instruments

TMUX9832 Datasheet PDF - Texas Instruments
Part # TMUX9832_V01
Download  TMUX9832 Download
File Size   574.68 Kbytes
Page   8 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX9832 No High Voltage Bias, Beyond the Supply, 220 V 1:1, 32-Channel Switch With Latch-Up Immunity

TMUX9832 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX9832 Datasheet PDF - Texas Instruments

Part # TMUX9832_V01
Download  TMUX9832 Click to download

File Size   574.68 Kbytes
Page   8 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX9832 No High Voltage Bias, Beyond the Supply, 220 V 1:1, 32-Channel Switch With Latch-Up Immunity

TMUX9832 Datasheet (HTML) - Texas Instruments


TMUX9832 Product details

1 Features
• Only +5 V bias supply required
– Very low power: 9.5 mW (typ) all 32CH
switching at 50 kHz
• Wide input signal range:
– Up to ±110 V, 220 VPP
– ±120 V, 240 VPP voltage overshoots supported
• Low off capacitance: 10.6 pF
• Low on resistance
• Up to 100 MHz data shift clock frequency
• Logic levels: 1.8 V to 5 V
• Integrated NDIN to invert input data polarity
• Fast turn-on time: 3 μs (maximum)
• Excellent HD2PC performance: -65 dB at 5 MHz
• Small BGA and QFN package options with
optimized pin-out
• Integrated thermal shutdown for improved system
reliability
• Integrated bleed resistors on the outputs
• Latch-up immunity by device construction
• Extended temperature range: –40°C to 125°C

2 Applications
• Medical ultrasound imaging
• Ultrasound smart probe
• Non-destructive testing (NDT) metal flaw detection
• Piezoelectric transducer drivers
• Ultrasonic flow transmitters
• Printers
• Optical MEMS modules

3 Description
The TMUX9832 is a 32-channel low harmonic
distortion, low resistance, low capacitance highvoltage
analog switch integrated circuit (IC) with
latch-up immunity. Each device has 32 independently
selectable 1:1, single-pole, single-throw (SPST)
switch channels. The device only requires a +5 V
supply, while still being able to support ±110 V analog
signals. TMUX9832 also integrates bleed resistors on
its drain (Dx) pins to discharge capacitive loads, like
piezoelectric transducers. TMUX9832 is designed for
medical ultrasound imaging and other piezoelectric
transducer driver applications.
TMUX9832 integrates cascadable 32-bit shift register
with latches for controlling each of the 32 switches.
The daisy chain capability allows for many TMUX9832
devices to be controlled without requiring a separate
chip-select for every device. To reduce noise in the
signal path due to potential clock feed-through, the
active low latch enable can be held high while data is
loaded into the shift registers. The 32-bit shift register
can operate off of a 1.8 V – 5 V power supply and
support clock speeds up to 100 MHz.




Similar Part No. - TMUX9832_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX9832 TI2-TMUX9832_V01 Datasheet
474Kb / 4P
TMUX9832 No High Voltage Bias, Beyond the Supply, 220V 1:1, 32-Channel Switch With Latch-Up Immunity
REVISED MAY 2026
More results


Similar Description - TMUX9832_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7234 TI-TMUX7234 Datasheet
1Mb / 36P
TMUX7234 44-V, Low Ron, 2:1, 4 Channel Precision Switch with Latch-Up Immunity and 1.8-V Logic
TMUX7411F TI-TMUX7411F_V01 Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8212 TI-TMUX8212_V01 Datasheet
1Mb / 32P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8212 TI-TMUX8212_V02 Datasheet
1Mb / 37P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX8211 TI-TMUX8211 Datasheet
2Mb / 42P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX9832 TI1-TMUX9832 Datasheet
570Kb / 7P
TMUX9832 No High Voltage Bias, Beyond the Supply, 220 V 1:1, 32-Channel Switch With Latch-Up Immunity
JUNE 2023
TMUX9616 TI-TMUX9616 Datasheet
1Mb / 32P
TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com