Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65131 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS65131 Datasheet PDF - Texas Instruments
Part # TPS65131
Download  TPS65131 Download
File Size   3522.77 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS65131-Q1 Positive- and Negative-Output DC-DC Converter

TPS65131 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65131 Datasheet PDF - Texas Instruments

Part # TPS65131
Download  TPS65131 Click to download

File Size   3522.77 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS65131-Q1 Positive- and Negative-Output DC-DC Converter

TPS65131 Datasheet (HTML) - Texas Instruments


TPS65131 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 test guidance with the following results:
– Device temperature grade 2: –40°C to 105°C
ambient operating temperature range
– Electrical characteristics tested over –40°C to
125°C junction temperature range
– Device HBM ESD classification level H1C
– Device CDM ESD classification level C4B
• Dual adjustable output voltages up to 15V and
down to –15V
• 2A typical switch-current limit for boost and
inverter main switches
• High conversion efficiency
– Up to 91% at positive output rail
– Up to 85% at negative output rail
– Power-save mode at low load
• Independent enable inputs for power-up and
power-down Sequencing
• Control output for external PFET to support
complete supply Disconnect When Shut Down
• 2.7V to 5.5V input-voltage range
• Minimum 1.25MHz fixed-frequency PWM
operation
• Thermal shutdown
• Overvoltage protection on both outputs
• 0.2μA typical shutdown current
• Small 4mm × 4mm QFN-24 package (RGE) with
wettable flanks

2 Applications
• Small-to-medium size OLED displays
• (TFT) LCD, CCD bias supply

3 Description
The TPS65131-Q1 device is dual-output dc-dc
converter generating a positive output voltage up to
15V and a negative output voltage down to –15V
with output currents of typically 200mA, depending
on input-voltage to output-voltage ratio. With a total
efficiency up to 85%, the device is ideal for portable
battery-powered equipment. The input-voltage range
of 2.7V to 5.5V allows, for example, 3.3V and 5V rails
to power the TPS65131-Q1 device. The TPS65131-
Q1 device comes in a QFN-24 package with thermal
pad and wettable flanks. Requiring few and small
external components, the overall solution size can be
small.
The converter operates with a fixed-frequency PWM
control topology and, with power-save mode enabled,
uses a pulse-skipping mode at light load currents. In
operation, the typical overall device quiescent current
is only 500μA. In shutdown, the device draws typically
0.2μA. Independent enable pins allow power-up and
power-down sequencing for both outputs. The device
has an internal current limit, overvoltage protection,
and a thermal shutdown for highest reliability under
fault conditions.
The TPS65131-Q1 device is qualified for automotive
applications, according to AEC-Q100 temperature
grade 2. The electrical characteristics are tested
over –40°C to 125°C device junction temperature.
This, combined with lowest shutdown currents, small
solution size, package with thermal pad, plus good
efficiency and protection features, targets automotive
and industrial applications.




Similar Part No. - TPS65131

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65131 TI-TPS65131 Datasheet
550Kb / 29P
POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65131 TI-TPS65131 Datasheet
1Mb / 34P
POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65131 TI1-TPS65131 Datasheet
1Mb / 33P
Positive- and Negative-Output DC-DC Converter
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
Positive- and Negative-Output DC-DC Converter
TPS65131RGE TI-TPS65131RGE Datasheet
550Kb / 29P
POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
More results


Similar Description - TPS65131

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
POSITIVE-TO-NEGATIVE DC-DC CONVERTER
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
POSITIVE TO NEGATIVE DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685 Datasheet
141Kb / 12P
Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
Rev 0; 4/98
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI1-TPS65130RGER Datasheet
1Mb / 34P
POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130 TI-TPS65130_15 Datasheet
1Mb / 32P
TPS6513x Positive and Negative Output DC-DC Converter
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
Positive and Negative Output DC-DC Converter
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
Positive- and Negative-Output DC-DC Converter
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685_V01 Datasheet
350Kb / 11P
Dual-Output (Positive and Negative), DC-DC Converter for CCD and LCD
2003
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com