Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4020BI Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TUSB4020BI Datasheet PDF - Texas Instruments
Part # TUSB4020BI
Download  TUSB4020BI Download
File Size   1808.83 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TUSB4020BI Two-Port USB 2.0 Hub

TUSB4020BI Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB4020BI Datasheet PDF - Texas Instruments

Part # TUSB4020BI
Download  TUSB4020BI Click to download

File Size   1808.83 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TUSB4020BI Two-Port USB 2.0 Hub

TUSB4020BI Datasheet (HTML) - Texas Instruments


TUSB4020BI Product details

1 Features
• Two-port USB 2.0 hub
• USB 2.0 hub features:
– Multi-transaction translator (MTT) hub: two
transaction translators
– Four asynchronous endpoint buffers per
transaction translator
• Type C compatible
• Supports battery charging
– CDP mode (upstream port connected)
– DCP mode (upstream port unconnected)
– DCP mode complies with Chinese
telecommunications industry standard YD/T
1591-2009
– D+/D– divider mode
• Per port or ganged power switching and
overcurrent notification inputs
• OTP ROM, serial EEPROM, or I2C/SMBus target
interface for custom configurations:
– VID and PID
– Port customizations
– Manufacturer and product strings (not by OTP
ROM)
– Serial number (not by OTP ROM)
• Application feature selection using terminal
selection or EEPROM/ or I2C/SMBus target
interface
• Provides 128-bit universally unique identifier
(UUID)
• Supports on-board and in-system OTP/EEPROM
programming through the USB 2.0 upstream port
• Single clock input, 24MHz crystal or oscillator
• No special driver requirements; works seamlessly
on any operating system with USB stack support
• 48-pin HTQFP package (PHP)

2 Applications
• Computer systems
• Docking stations
• Monitors
• Set-top boxes

3 Description
The TUSB4020BI is a two-port USB 2.0 hub, which
provides USB high-speed/full-speed connections on
the upstream port and high-speed, full-speed, or
low-speed connections on the two downstream
ports. When the upstream port is connected to an
electrical environment that supports high-speed and
full-speed/low-speed connections, high-speed and
full-speed/low-speed USB connectivity is enabled
on the downstream ports. When the upstream
port is connected to an electrical environment that
only supports full-speed/low-speed connections, highspeed
connectivity are disabled on the downstream
ports.
The TUSB4020BI supports per port or ganged power
switching and overcurrent protection.
An individually port power controlled hub switches
power on or off to each downstream port as requested
by the USB host. Also when an individually port power
controlled hub senses an overcurrent event, only
power to the affected downstream port is switched off.
A ganged hub switches on power to all the
downstream ports when power is required to be on
for any port. The power to the downstream ports is
not switched off unless all ports are in a state that
allows power to be removed. Also when a ganged hub
senses an overcurrent event, power to all downstream
ports is switched off.
The TUSB4020BI downstream ports provide support
for battery charging applications by providing
battery charging connected downstream port (CDP)
handshaking support. The device also supports a
dedicated charging port (DCP) mode when the
upstream port is not connected. The DCP mode
supports USB devices which support the USB Battery
Charging and the Chinese Telecommunications
Industry Standard YD/T 1591-2009. In addition,
an automatic mode provides transparent support
for BC devices and devices supporting Divider
mode charging solutions when the upstream port is
unconnected.
The TUSB4020BI provides terminal strap configuration for some features (including battery charging support)
and customization through OTP ROM, I2C EEPROM or an I2C/SMBus target interface for PID, VID, custom port
and phy configurations. Custom string support is also available when using an I2C EEPROM or the I2C/SMBus
target interface.
The device is available in a 48-pin HTQFP package and is offered in an industrial version for operation over the
temperature range of –40°C to 85°C.




Similar Part No. - TUSB4020BI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4020BI TI1-TUSB4020BI Datasheet
1Mb / 45P
TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI TI1-TUSB4020BI Datasheet
1Mb / 45P
TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB4020BIPHP TI1-TUSB4020BIPHP Datasheet
1Mb / 45P
TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BIPHPQ1 TI1-TUSB4020BIPHPQ1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
More results


Similar Description - TUSB4020BI

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4622 ADVANTECH-USB-4622 Datasheet
188Kb / 1P
5-port USB 2.0 Hub
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4020BI TI1-TUSB4020BI_15 Datasheet
1Mb / 45P
TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI TI1-TUSB4020BI_16 Datasheet
1Mb / 45P
TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
USB 2.0 7-Port Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com