Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041I-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TUSB4041I-Q1 Datasheet PDF - Texas Instruments
Part # TUSB4041I-Q1
Download  TUSB4041I-Q1 Download
File Size   842.95 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TUSB4041I Four-Port USB 2.0 Hub

TUSB4041I-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB4041I-Q1 Datasheet PDF - Texas Instruments

Part # TUSB4041I-Q1
Download  TUSB4041I-Q1 Click to download

File Size   842.95 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TUSB4041I Four-Port USB 2.0 Hub

TUSB4041I-Q1 Datasheet (HTML) - Texas Instruments


TUSB4041I-Q1 Product details

1 Features
1• Four Port USB 2.0 Hub
• USB 2.0 Hub Features
– Multi Transaction Translator (MTT) Hub: Four
Transaction Translators
– Four Asynchronous Endpoint Buffers per
Transaction Translator
• Supports USB Battery Charging
– CDP Mode (Upstream Port Connected)
– DCP Mode (Upstream Port Unconnected)
– DCP Mode Complies With Chinese
Telecommunications Industry Standard YD/T
1591-2009
– Supports D+ and D– Divider Mode
• Per Port or Ganged Power Switching and
Overcurrent Notification Inputs
• OTP ROM, Serial EEPROM or I2C and SMBus
Slave Interface for Custom Configurations:
– VID and PID
– Customizable Ports
– Manufacturer and Product Strings (not by OTP
ROM)
– Serial Number (not by OTP ROM)
• Application Feature Selection Using Pin Selection
or EEPROM, I2C, or SMBus Slave Interface
• Provides 128-Bit Universally Unique Identifier
(UUID)
• Supports On-Board and In-System OTP and
EEPROM Programming Through the USB 2.0
Upstream Port
• Single Clock Input, 24-MHz Crystal or Oscillator
• DM/DP Polarity Swap
• Type C Compatible
• No Special Driver Requirements; Works
Seamlessly on any Operating System With USB
Stack Support
• 64-Pin HTQFP Package (PAP)

2 Applications
• Computer Systems
• Docking Stations
• Monitors
• Set-Top Boxes

3 Description
The TUSB4041I device is a four-port USB 2.0 hub.
The device provides USB high-speed or full-speed
connections on the upstream port. The device also
provides USB high-speed, full-speed, or low-speed
connections on the downstream ports. When the
upstream port is connected to an electrical
environment that only supports high-speed, fullspeed,
and low-speed connections, the USB highspeed,
full-speed and low-speed connectivity is
enabled on the downstream ports. When the
upstream port is connected to an electrical
environment that only supports full-speed or lowspeed
connections, the USB high-speed connectivity
are disabled on the downstream ports.




Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI2-TUSB4041I-Q1 Datasheet
811Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
REVISED SEPTEMBER 2017
More results


Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
TUSB4041I Four-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com