Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

808060W Datasheet (PDF) - Alpha Wire

808060W Datasheet PDF - Alpha Wire
Part # 808060W
Download  808060W Download
File Size   388.63 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description RoHS-Compliant Commencing With 1/31/2008 Production

808060W Datasheet (PDF)

Go To PDF Page Download Datasheet
808060W Datasheet PDF - Alpha Wire

Part # 808060W
Download  808060W Click to download

File Size   388.63 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description RoHS-Compliant Commencing With 1/31/2008 Production

808060W Datasheet (HTML) - Alpha Wire


808060W Product details

Construction
a) Material Polyester, high tenacity, continuous filament
b) Type II
c) Size 3
d) Finish A - Natural, mercury and copper free
e) Dimensions 0.110 +/- 0.010" x 0.015 +/- 0.003"
f) Color White




Similar Part No. - 808060W

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8080 BELDEN-8080 Datasheet
232Kb / 2P
Magnet Wire, #28 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
logo
Heyco.
8080 HEYCO-8080 Datasheet
154Kb / 1P
Multi-Connectors for Power Blocks
logo
TE Connectivity Ltd
8080-1G7 TEC-8080-1G7 Datasheet
3Mb / 80P
DIP Sockets
Revised 7-01
logo
RAF ELECTRONIC HARDWARE
8080-632-SS RAF-8080-632-SS Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Molex Electronics Ltd.
808006P02M020 MOLEX-808006P02M020 Datasheet
101Kb / 1P
Micro-Change® (M12) Moulded Connectors
More results


Similar Description - 808060W

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com