Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD648 Datasheet (PDF) - Analog Devices

AD648 Datasheet PDF - Analog Devices
Part # AD648
Download  AD648 Download
File Size   209.69 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Precision, Low Power BiFET Op Amp

AD648 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD648 Datasheet PDF - Analog Devices

Part # AD648
Download  AD648 Click to download

File Size   209.69 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Precision, Low Power BiFET Op Amp

AD648 Datasheet (HTML) - Analog Devices


AD648 Product details

FEATURES
DC Performance
400 A max Quiescent Current
10 pA max Bias Current, Warmed Up (AD648B)
1 V max Offset Voltage (AD648B)
10 V/C max Drift (AD648B)
2 V p-p Noise, 0.1 Hz to 10 Hz
AC Performance
1.8 V/s Slew Rate
1 MHz Unity Gain Bandwidth
Available in Plastic Mini-DIP, CERDIP, and Plastic SOIC
Packages
MIL-STD-883B Parts Available
Surface Mount (SOIC) Package Available in Tape and
Reel in Accordance with EIA-481A Standard
Single Version: AD548




Similar Part No. - AD648

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD648 AD-AD648 Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD648A AD-AD648A Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD648AH AD-AD648AH Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD648AQ AD-AD648AQ Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD648B AD-AD648B Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
More results


Similar Description - AD648

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD548 AD-AD548 Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
AD642 AD-AD642 Datasheet
395Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV.0
AD648 AD-AD648 Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD712 AD-AD712_06 Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD548 AD-AD548_02 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548SH AD-AD548SH Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_15 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD642 AD-AD642_15 Datasheet
399Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD648 AD-AD648_15 Datasheet
209Kb / 12P
Dual Precision, Low Power BiFET Op Amp
REV. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com