Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4389 Datasheet (PDF) - Analog Devices

MAX4389 Datasheet PDF - Analog Devices
Part # MAX4389
Download  MAX4389 Download
File Size   2692.51 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable

MAX4389 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4389 Datasheet PDF - Analog Devices

Part # MAX4389
Download  MAX4389 Click to download

File Size   2692.51 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable

MAX4389 Datasheet (HTML) - Analog Devices


MAX4389 Product details

Features
● Low Cost
● High Speed
• 85MHz -3dB Bandwidth
• 27MHz 0.1dB Gain Flatness
• 500V/μs Slew Rate
● Single 4.5V to 11V or Dual ±2.25V to ±5.5V Operation
● Rail-to-Rail Outputs
● Input Common-Mode Range Extends to VEE
● Low Differential Gain/Phase: 0.015%/0.015°
● Low Distortion at 5MHz
• -59dBc Spurious-Free Dynamic Range
● High Output Drive: ±50mA
● 450μA Disable Capability
(MAX4389/MAX4393/MAX4394/MAX4396)
● Space-Saving SC70, SOT23, μMAX®, or TSSOP Packages

Applications
● Set-Top Boxes
● Surveillance Video Systems
● Analog-to-Digital Converter Interface
● CCD Imaging Systems
● Digital Cameras
● Video-on-Demand
● Video Line Driver




Similar Part No. - MAX4389

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4389 MAXIM-MAX4389 Datasheet
576Kb / 24P
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
MAX4389EUT+T MAXIM-MAX4389EUT+T Datasheet
576Kb / 24P
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
MAX4389EUT-T MAXIM-MAX4389EUT-T Datasheet
734Kb / 19P
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4389EUT/V+T MAXIM-MAX4389EUT/V+T Datasheet
576Kb / 24P
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
More results


Similar Description - MAX4389

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4245 MAXIM-MAX4245 Datasheet
495Kb / 11P
Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4245 MAXIM-MAX4245_11 Datasheet
667Kb / 17P
Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Rev 2; 11/11
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com