Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP292 Datasheet (PDF) - Analog Devices

OP292 Datasheet PDF - Analog Devices
Part # OP292
Download  OP292 Download
File Size   343.4 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual/Quad Single-Supply Operational Amplifiers

OP292 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP292 Datasheet PDF - Analog Devices

Part # OP292
Download  OP292 Click to download

File Size   343.4 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual/Quad Single-Supply Operational Amplifiers

OP292 Datasheet (HTML) - Analog Devices


OP292 Product details

FEATURES
Single-supply operation: 4.5 V to 33 V Input common-mode includes ground
Output swings to ground
High slew rate: 3 V/μs
High gain bandwidth: 4 MHz
Low input offset voltage High open-loop gain
No phase inversion
APPLICATIONS
Disk drives Mobile phones
Servo controls Modems and fax machines
Pagers Power supply monitors and controls Battery-operated instrumentation




Similar Part No. - OP292

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP292 AD-OP292 Datasheet
686Kb / 20P
DUAL/QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIER
OP292 AD-OP292 Datasheet
516Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. B
OP292 AD-OP292 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
logo
OPTEK Technologies
OP292A OPTEK-OP292A Datasheet
343Kb / 8P
Plastic Infrared Emitting Diode
OP292A OPTEK-OP292A Datasheet
290Kb / 8P
Plastic Infrared Emitting Diode
More results


Similar Description - OP292

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP292 AD-OP292_02 Datasheet
516Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. B
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Analog Devices
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
OP292 AD-OP292_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
OP492 AD-OP492_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
Rev. C
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com