Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1206 Datasheet (PDF) - Analog Devices

LT1206 Datasheet PDF - Analog Devices
Part # LT1206
Download  LT1206 Download
File Size   1287.02 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.1A, 35MHz Current Feedback Amplifier

LT1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1206 Datasheet PDF - Analog Devices

Part # LT1206
Download  LT1206 Click to download

File Size   1287.02 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.1A, 35MHz Current Feedback Amplifier

LT1206 Datasheet (HTML) - Analog Devices


LT1206 Product details

FEATURES
APPLICATIONS
nn 1.1A Minimum Output Drive Current
nn 35MHz Bandwidth, AV = 2, RL = 10Ω
nn 900V/μs Slew Rate, AV = 2, RL = 10Ω
nn High Input Impedance: 10MΩ
nn Wide Supply Range: ±5V to ±15V
(TO-220 and DD Packages)
nn Enhanced θJA SO-16 Package for ±5V Operation
nn Shutdown Mode: IS < 200μA
nn Adjustable Supply Current
nn Stable with CL = 10,000pF
nn Operating Temperature Range: –40°C to 85°C
nn Available in 7-Lead DD, TO-220 and
nn 16-Lead SO Packages
nn Cable Drivers
nn Buffers
nn Test Equipment Amplifiers
nn Video Amplifiers
ADSL Drivers




Similar Part No. - LT1206

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1206 LINER-LT1206 Datasheet
386Kb / 16P
250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206 Datasheet
321Kb / 16P
250mA/60MHz Current Feedback Amplifi er
LT1206 LINER-LT1206 Datasheet
364Kb / 18P
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1206 LINER-LT1206 Datasheet
264Kb / 24P
500mA Power Op Amp with Adjustable Precision Current Limit
LT1206 LINER-LT1206 Datasheet
368Kb / 18P
250mA/60MHz Current Feedback Amplifier
More results


Similar Description - LT1206

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Linear Technology
LT1210 LINER-LT1210 Datasheet
358Kb / 16P
1.1A, 35MHz Current Feedback Amplifier
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
100MHz Current Feedback Amplifier
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
logo
Linear Technology
LT1210 LINER-LT1210_06 Datasheet
504Kb / 16P
1.1A, 35MHz Current Feedback Amplifier
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
LT1210X AD-LT1210X Datasheet
618Kb / 4P
High Temperature 1.0A, 35MHz Current Feedback Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com